Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 48Page - Texas Instruments TLK105 Datasheet HTML 49Page - Texas Instruments TLK105 Datasheet HTML 50Page - Texas Instruments TLK105 Datasheet HTML 51Page - Texas Instruments TLK105 Datasheet HTML 52Page - Texas Instruments TLK105 Datasheet HTML 53Page - Texas Instruments TLK105 Datasheet HTML 54Page - Texas Instruments TLK105 Datasheet HTML 55Page - Texas Instruments TLK105 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
8.1.10 Control register 1 (CR1)
Table 8-13. Control register 1 (CR1), address 0x0009
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:10
RESERVED
1, RW
RESERVED
9
RMII
0, RW
RMII Enhanced Mode:
Enhanced
1 = Enable RMII Enhanced Mode
Mode
0 = RMII operates in normal mode
In normal mode, If the line is not idle CRS_DV goes high. As soon as the False Carrier is
detected, RX_ER is asserted and RXD is set to “2”. This situation remains for the duration
of the receive event. While in enhanced mode, CRS_DV is disqualified and de-asserted
when the False Carrier detected. This status also remains for the duration of the receive
event. In addition in normal mode, the start of the packet is intact. Each symbol error is
indicated by setting RX_ER high. The data on RXD is replaced with “1” starting with the
first symbol error. While in enhanced mode, the CRS_DV is de-asserted with the first
symbol error.
8
TDR
0, RW
TDR Auto Run at link down:
AUTORUN
1 = Enable execution of TDR procedure after link down event
0 = Disable automatic execution of TDR
7
Link Loss
0, RW
Link Loss Recovery:
Recovery
1 = Enable Link Loss Recovery mechanism. This mode allow recovery from short
interference and continue to hold the link up for period of additional few mSec till
the short interference will gone and the signal is OK.
0 = Normal Link Loss operation. Link status will go down approximately 250uSec from
signal loss.
6
Fast Auto
0, RW
Fast Auto MDI/MDIX:
MDI-X
1 = Enable Fast Auto MDI/MDIX mode
0 = Normal Auto MDI/MDIX mode.
If both link partners are configured to work in Force 100Base-TX mode (Auto-Negotiation
is disabled), this mode enables Automatic MDI/MDIX resolution in a short time.
5
Robust Auto
0, RW
Robust Auto MDI-X :
MDI-X
1 = Enable Robust Auto MDI/MDIX resolution
0 = Normal Auto MDI/MDIX mode
If link partners are configured to operational modes that are not supported by normal Auto
MDI/MDIX mode (like Auto-Neg versus Force 100Base-TX or Force 100Base-TX versus
Force 100Base-TX), this Robust Auto MDI/MDIX mode allows MDI/MDIX resolution and
prevents deadlock.
4
Fast AN En
0, RW
Fast AN En:
1 = Enable Fast Auto-Negotiation mode – The PHY auto-negotiates using Timer
setting according to Fast AN Sel bits (bits 3:2 this register)
0 = Disable Fast Auto-Negotiation mode – The PHY auto-negotiates using normal
Timer setting
Adjusting these bits reduces the time it takes to Auto-negotiate between two PHYs. Note:
When using this option care must be taken to maintain proper operation of the system.
While shortening these timer intervals may not cause problems in normal operation, there
are certain situations where this may lead to problems.
52
Register Block
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com