Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 72Page - Texas Instruments TLK105 Datasheet HTML 73Page - Texas Instruments TLK105 Datasheet HTML 74Page - Texas Instruments TLK105 Datasheet HTML 75Page - Texas Instruments TLK105 Datasheet HTML 76Page - Texas Instruments TLK105 Datasheet HTML 77Page - Texas Instruments TLK105 Datasheet HTML 78Page - Texas Instruments TLK105 Datasheet HTML 79Page - Texas Instruments TLK105 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
9.5
POWER SUPPLY CHARACTERISTICS
The data was measured using a TLK10x evaluation board. The current from each of the power supplies is
measured and the power dissipation is computed. For the single 3.3V external supply case the power dissipation
across the internal linear regulator is also included. All the power dissipation numbers are measured at the
nominal power supply and typical temperature of 25°C. The power needed is given both for the device only, and
including the center tap of the transformer for a total system power requirement. The center tap of the
transformer is normally connected to the 3.3V supply, thus the current needed may also be easily calculated.
9.5.1
Active Power
PARAMETER
TEST CONDITIONS
FROM POWER PINS
FROM
UNIT
TRANSFORMER
CENTER TAP
100Base-TX /W Traffic (full packet 1518B
Single 3.3V external supply
203
73
mW
rate)
10Base-T /W Traffic (full packet 1518B rate)
Single 3.3V external supply
96
211
mW
9.5.2
Power-Down Power
PARAMETER
TEST CONDITIONS(1)
FROM THE POWER SUPPLIES
FROM TRANSFORMER
UNIT
CENTER TAP
IEEE PWDN
Single 3.3V external supply
12
5
mW
Passive Sleep Mode
Single 3.3V external supply
71
5
mW
Active Sleep Mode
Single 3.3V external supply
71
5
mW
(1)
Measured under typical conditions.
76
Electrical Specifications
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com