Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 8Page - Texas Instruments TLK105 Datasheet HTML 9Page - Texas Instruments TLK105 Datasheet HTML 10Page - Texas Instruments TLK105 Datasheet HTML 11Page - Texas Instruments TLK105 Datasheet HTML 12Page - Texas Instruments TLK105 Datasheet HTML 13Page - Texas Instruments TLK105 Datasheet HTML 14Page - Texas Instruments TLK105 Datasheet HTML 15Page - Texas Instruments TLK105 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
470W
2.2kW
V
CC
AN_O = 1
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
3.8
LED Interface
The TLK10x supports one configurable Light Emitting Diode (LED) pin. The device supports 2 LED
configurations: Link and Activity. Functions are multiplexed into two modes. The LED can be controlled by
configuration pin and internal register bits. Bit 5 of the PHY Control register (PHYCR) selects the LED
mode as described in Table 3-3.
Table 3-3. LED Mode Select
LED_CFG[0]
Mode
LED_LINK
(bit 5) or (pin 27)
ON for Good Link
1
1
OFF for No Link
ON for Good Link
2
0
BLINK for Activity
The LED_LINK pin in Mode 1 indicates the link status of the port. The LED is OFF when no link is present.
In Mode 2 it is ON to indicate that the link is good; BLINK indicates that activity is present on either
transmit or receive channel. Bits 10:9 of the LEDCR register (0x18) control the blink rate. The default blink
rate is 5Hz.
See Figure 3-4 for an example of AN_0 connections to external components. In this example, the AN_0
configuration results in Full-Duplex advertised.
Figure 3-4. AN Pin Configuration and LED Loading Example
12
Hardware Configuration
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com