Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 12Page - Texas Instruments TLK105 Datasheet HTML 13Page - Texas Instruments TLK105 Datasheet HTML 14Page - Texas Instruments TLK105 Datasheet HTML 15Page - Texas Instruments TLK105 Datasheet HTML 16Page - Texas Instruments TLK105 Datasheet HTML 17Page - Texas Instruments TLK105 Datasheet HTML 18Page - Texas Instruments TLK105 Datasheet HTML 19Page - Texas Instruments TLK105 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
For all TDR measurements, the transformation between time of arrival and physical distance is done by
the external host using minor computations (such as multiplication, addition and lookup tables). The host
must know the expected propagation delay of the cable, which depends, among other things, on the cable
category (for example, CAT5, CAT5e, or CAT6).
TDR measurement is allowed in the TLK106 in the following scenarios:
•
While Link partner is disconnected – cable is unplugged at the other side
•
Link partner is connected but remains “quiet” (for example, in power down mode)
•
TDR could be automatically activated when the link fails or is dropped by setting bit 8 of register
0x0009 (CR1). The results of the TDR run after the link fails will be saved in the TDR registers. The
SW could read these registers at any time to apply post processing on the TDR results. This mode is
designed for cases in which the link dropped due to cable disconnections, in which after link failure, the
line will be quiet to allow a proper function of the TDR.
3.11.2 ALCD
The TLK106 also supports Active Link Cable Diagnostic (ALCD). The ALCD offers a passive method to
estimate the cable length during active link. The ALCD uses passive digital signal processing based on
adapted data, thus enabling measurement of cable length with an active link partner.
The ALCD Cable length measurement accuracy is ±5m for the pair used in the Rx path (due to the
passive nature of the test, only the receive path is measured).
16
Hardware Configuration
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com