Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 79Page - Texas Instruments TLK105 Datasheet HTML 80Page - Texas Instruments TLK105 Datasheet HTML 81Page - Texas Instruments TLK105 Datasheet HTML 82Page - Texas Instruments TLK105 Datasheet HTML 83Page - Texas Instruments TLK105 Datasheet HTML 84Page - Texas Instruments TLK105 Datasheet HTML 85Page - Texas Instruments TLK105 Datasheet HTML 86Page - Texas Instruments TLK105 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
RX_CLK
Valid Data
RXD[3:0]
RX_DV
T0349-01
t
1
t
2
t
4
t
3
TX_CLK
Valid Data
TXD[3:0]
TX_EN
t1
t3
t4
t2
TLK105
TLK106
www.ti.com
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
9.6.11 10Mbs MII Transmit Timing
Table 9-11. 10Mbs MII Transmit Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
TX_CLK Low Time
10Mbs MII mode
190
200
210
ns
t2
TX_CLK High Time
t3
TXD[3:0], TX_EN Data Setup to TX_CLK
↑
10Mbs MII mode
25
ns
t4
TXD[3:0], TX_EN Data Hold from TX_CLK
↑
10Mbs MII mode
0
ns
An attached Mac should drive the transmit signals using the positive edge of TX_CLK. As shown in
Figure 9-11, the MII signals are sampled on the falling edge of TX_CLK.
Figure 9-11. 10Mbs MII Transmit Timing
9.6.12 10Mb/s MII Receive Timing
Table 9-12. 10Mb/s MII Receive Timing
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
RX_CLK High Time
160
200
240
ns
t2
RX_CLK Low Time
t3
RX_CLK rising edge delay from RXD[3:0], RX_DV Valid
10Mbs MII mode
100
ns
t4
RX_CLK to RXD[3:0], RX_DV Delay
10Mbs MII mode
100
ns
(1)
RX_CLK may be held low for a longer period of time during transition between reference and recovered clocks. Minimum high and low
times will not be violated.
Figure 9-12. 10Mb/s MII Receive Timing
Copyright © 2012–2013, Texas Instruments Incorporated
Electrical Specifications
83
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com