Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 75Page - Texas Instruments TLK105 Datasheet HTML 76Page - Texas Instruments TLK105 Datasheet HTML 77Page - Texas Instruments TLK105 Datasheet HTML 78Page - Texas Instruments TLK105 Datasheet HTML 79Page - Texas Instruments TLK105 Datasheet HTML 80Page - Texas Instruments TLK105 Datasheet HTML 81Page - Texas Instruments TLK105 Datasheet HTML 82Page - Texas Instruments TLK105 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
TX_CLK
TX_EN
TXD
PMD Output Pair
(J/K)
IDLE
DATA
T0343-01
t
1
RX_CLK
Valid Data
RXD[3:0]
RX_DV
RX_ER
T0342-01
t
1
t
2
t
3
TLK105
TLK106
www.ti.com
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
9.6.5
100Mb/s MII Receive Timing
Table 9-5. 100Mb/s MII Receive Timing
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
RX_CLK High Time
100Mbs Normal mode
16
20
24
ns
t2
RX_CLK Low Time
t3
RX_CLK to RXD[3:0], RX_DV, RX_ER Delay
100Mbs Normal mode
10
30
ns
(1)
RX_CLK may be held low or high for a longer period of time during transition between reference and recovered clocks. Minimum high
and low times will not be violated.
Figure 9-5. 100Mb/s MII Receive Timing
9.6.6
100Base-TX Transmit Packet Latency Timing
Table 9-6. 100Base-TX Transmit Packet Latency Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
TX_CLK to PMD Output Pair Latency
100Mbs Normal mode(1)
4.8
bits(2)
(1)
For Normal mode, latency is determined by measuring the time from the first rising edge of TX_CLK occurring after the assertion of
TX_EN to the first bit of the 'J' code group as output from the PMD Output Pair. 1 bit time = 10ns in 100Mbs mode.
(2)
1 bit time is equal 10 nS in 100 Mb/s mode.
Figure 9-6. 100Base-TX Transmit Packet Latency Timing
Copyright © 2012–2013, Texas Instruments Incorporated
Electrical Specifications
79
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com