Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 67 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 67 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 63Page - Intel Corporation DX58SO Datasheet HTML 64Page - Intel Corporation DX58SO Datasheet HTML 65Page - Intel Corporation DX58SO Datasheet HTML 66Page - Intel Corporation DX58SO Datasheet HTML 67Page - Intel Corporation DX58SO Datasheet HTML 68Page - Intel Corporation DX58SO Datasheet HTML 69Page - Intel Corporation DX58SO Datasheet HTML 70Page - Intel Corporation DX58SO Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
Overview of BIOS Features
67
3.9
Adjusting Boot Speed
These factors affect system boot speed:
•
Selecting and configuring peripherals properly
•
Optimized BIOS boot parameters
3.9.1
Peripheral Selection and Configuration
The following techniques help improve system boot speed:
•
Choose a hard drive with parameters such as “power-up to data ready” less than
eight seconds, that minimize hard drive startup delays.
•
Select a CD-ROM drive with a fast initialization rate. This rate can influence POST
execution time.
•
Eliminate unnecessary add-in adapter features, such as logo displays, screen
repaints, or mode changes in POST. These features may add time to the boot
process.
•
Try different monitors. Some monitors initialize and communicate with the BIOS
more quickly, which enables the system to boot more quickly.
3.9.2
BIOS Boot Optimizations
Use of the following BIOS Setup program settings reduces the POST execution time.
•
In the Boot Menu, set the hard disk drive as the first boot device. As a result, the
POST does not first seek a diskette drive, which saves about one second from the
POST execution time.
•
In the Peripheral Configuration submenu, disable the LAN device if it will not be
used. This can reduce up to four seconds of option ROM boot time.
NOTE
It is possible to optimize the boot process to the point where the system boots so
quickly that the Intel logo screen (or a custom logo splash screen) will not be seen.
Monitors and hard disk drives with minimum initialization times can also contribute to
a boot time that might be so fast that necessary logo screens and POST messages
cannot be seen.
This boot time may be so fast that some drives might be not be initialized at all. If
this condition should occur, it is possible to introduce a programmable delay ranging
from zero to 30 seconds by 5 second increments (using the Hard Disk Pre-Delay
feature of the Advanced Menu in the Drive Configuration Submenu of the BIOS Setup
program).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com