Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 32 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 32 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 28Page - Intel Corporation DX58SO Datasheet HTML 29Page - Intel Corporation DX58SO Datasheet HTML 30Page - Intel Corporation DX58SO Datasheet HTML 31Page - Intel Corporation DX58SO Datasheet HTML 32Page - Intel Corporation DX58SO Datasheet HTML 33Page - Intel Corporation DX58SO Datasheet HTML 34Page - Intel Corporation DX58SO Datasheet HTML 35Page - Intel Corporation DX58SO Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
32
1.13.2
Hardware Support
CAUTION
Ensure that the power supply provides adequate +5 V standby current if LAN wake
capabilities and Instantly Available PC technology features are used. Failure to do so
can damage the power supply. The total amount of standby current required depends
on the wake devices supported and manufacturing options.
The board provides several power management hardware features, including:
•
Power connector
•
Fan headers
•
LAN wake capabilities
•
Instantly Available PC technology
•
Wake from USB
•
PME# signal wake-up support
•
WAKE# signal wake-up support
•
Wake from Consumer IR
LAN wake capabilities and Instantly Available PC technology require power from the
+5 V standby line.
NOTE
The use of Wake from USB from an ACPI state requires an operating system that
provides full ACPI support.
1.13.2.1
Power Connector
ATX12V-compliant power supplies can turn off the system power through system
control. When an ACPI-enabled system receives the correct command, the power
supply removes all non-standby voltages.
When resuming from an AC power failure, the computer returns to the power state it
was in before power was interrupted (on or off). The computer’s response can be set
using the Last Power State feature in the BIOS Setup program’s Boot menu.
For information about
Refer to
The location of the main power connector
Figure 11, page 43
The signal names of the main power connector
Table 18, page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com