Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 74 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 74 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 70Page - Intel Corporation DX58SO Datasheet HTML 71Page - Intel Corporation DX58SO Datasheet HTML 72Page - Intel Corporation DX58SO Datasheet HTML 73Page - Intel Corporation DX58SO Datasheet HTML 74Page - Intel Corporation DX58SO Datasheet HTML 75Page - Intel Corporation DX58SO Datasheet HTML 76Page - Intel Corporation DX58SO Datasheet HTML 77Page - Intel Corporation DX58SO Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
74
Table 36. Port 80h POST Codes (continued)
POST Code
Description of POST Operation
Keyboard (USB)
90
Resetting keyboard
91
Disabling keyboard
92
Detecting presence of keyboard
93
Enabling the keyboard
94
Clearing keyboard input buffer
95
Instructing keyboard controller to run Self Test (PS/2 only)
Mouse (USB)
98
Resetting mouse
99
Disabling mouse
9A
Detecting presence of mouse
9B
Enabling mouse
Fixed Media
B0
Resetting fixed media
B1
Disabling fixed media
B2
Detecting presence of a fixed media (IDE hard drive detection etc.)
B3
Enabling/configuring a fixed media
Removable Media
B8
Resetting removable media
B9
Disabling removable media
BA
Detecting presence of a removable media (IDE, CD-ROM detection, etc.)
BC
Enabling/configuring a removable media
BDS
Dy
Trying boot selection y (y=0 to 15)
PEI Core
E0
Started dispatching PEIMs (emitted on first report of EFI_SW_PC_INIT_BEGIN
EFI_SW_PEI_PC_HANDOFF_TO_NEXT)
E2
Permanent memory found
E1, E3
Reserved for PEI/PEIMs
DXE Core
E4
Entered DXE phase
E5
Started dispatching drivers
E6
Started connecting drivers
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com