Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 57 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 57 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 53Page - Intel Corporation DX58SO Datasheet HTML 54Page - Intel Corporation DX58SO Datasheet HTML 55Page - Intel Corporation DX58SO Datasheet HTML 56Page - Intel Corporation DX58SO Datasheet HTML 57Page - Intel Corporation DX58SO Datasheet HTML 58Page - Intel Corporation DX58SO Datasheet HTML 59Page - Intel Corporation DX58SO Datasheet HTML 60Page - Intel Corporation DX58SO Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
Technical Reference
57
2.5.2
Fan Header Current Capability
CAUTION
The processor fan must be connected to the processor fan header, not to a chassis fan
header. Connecting the processor fan to a chassis fan header may result in onboard
component damage that will halt fan operation.
Table 25 lists the current capability of the fan headers.
Table 25. Fan Header Current Capability
Fan Header
Maximum Available Current
Processor fan
2.0 A
Front chassis fan
1.5 A
IOH Fan
3.5 A (direct connect 12 V rail)
Rear chassis fan
1.5 A
Auxiliary rear chassis fan
2.0 A
2.5.3
Add-in Board Considerations
The board is designed to provide 2 A (average) of current for each add-in board from
the +5 V rail. The total +5 V current draw for add-in boards for a fully loaded board
(all six expansion slots filled) must not exceed the system’s power supply +5 V
maximum current or 14 A in total.
2.6
Thermal Considerations
CAUTION
A chassis with a maximum internal ambient temperature of 38 oC at the processor fan
inlet is a requirement. Use a processor heat sink that provides omni-directional
airflow to maintain required airflow across the processor voltage regulator area.
CAUTION
Failure to ensure appropriate airflow may result in reduced performance of both the
processor and/or voltage regulator or, in some instances, damage to the board. For a
list of chassis that have been tested with Intel desktop boards please refer to the
following website:
http://developer.intel.com/design/motherbd/cooling.htm
All responsibility for determining the adequacy of any thermal or system design
remains solely with the reader. Intel makes no warranties or representations that
merely following the instructions presented in this document will result in a system
with adequate thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com