| Electronic Components Datasheet Search |
|
DX58SO Datasheet(PDF) 7 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DX58SO Datasheet(HTML) 7 Page - Intel Corporation |
|
7 / 88 page ![]() Contents vii Figures Figure 1. Major Board Components............................................................... 11 Figure 2. Block Diagram.............................................................................. 13 Figure 3. Memory Channel and DIMM Configuration ........................................ 17 Figure 4. Back Panel Audio Connector Options................................................ 23 Figure 5. LAN Connector LED Locations ......................................................... 25 Figure 6. Thermal Sensors and Fan Headers .................................................. 27 Figure 7. Locations of Indicator LEDs ............................................................ 35 Figure 8. Location of the Onboard Power Button ............................................. 36 Figure 9. Detailed System Memory Address Map............................................. 40 Figure 10. Back Panel Connectors................................................................. 42 Figure 11. Component-side Connectors and Headers....................................... 43 Figure 12. Connection Diagram for Front Panel Header.................................... 50 Figure 13. Connection Diagram for Front Panel USB Headers............................ 52 Figure 14. Connection Diagram for IEEE 1394a Header.................................... 52 Figure 15. Location of the Jumper Block ........................................................ 53 Figure 16. Board Dimensions ....................................................................... 55 Figure 17. Localized High Temperature Zones ................................................ 58 Tables Table 1. Feature Summary ............................................................................ 9 Table 2. Components Shown in Figure 1........................................................ 12 Table 3. Supported Memory Configurations.................................................... 16 Table 4. LAN Connector LED States .............................................................. 25 Table 5. Effects of Pressing the Power Switch................................................. 29 Table 6. Power States and Targeted System Power ......................................... 30 Table 7. Wake-up Devices and Events........................................................... 31 Table 8. System Memory Map...................................................................... 41 Table 9. Component-side Connectors and Headers Shown in Figure 11 .............. 44 Table 10. HD Audio Link Header................................................................... 45 Table 11. Front Panel Audio Header .............................................................. 45 Table 12. Serial ATA Connectors .................................................................. 45 Table 13. Chassis Intrusion Header .............................................................. 46 Table 14. Front and Rear Chassis (3-Pin) Fan Headers..................................... 46 Table 15. Processor and Rear Chassis 2 (4-Pin) Fan Headers ............................ 46 Table 16. Auxiliary Front Panel Power/Sleep LED Header ................................. 47 Table 17. Processor Core Power Connector .................................................... 48 Table 18. Main Power Connector .................................................................. 49 Table 19. Auxiliary PCI Express Graphics Power Connector............................... 49 Table 20. Front Panel Header....................................................................... 50 Table 21. States for a One-Color Power LED .................................................. 51 Table 22. States for a Two-Color Power LED .................................................. 51 Table 23. BIOS Setup Configuration Jumper Settings ...................................... 54 Table 24. Recommended Power Supply Current Values.................................... 56 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |