Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 9 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 9 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 5Page - Intel Corporation DX58SO Datasheet HTML 6Page - Intel Corporation DX58SO Datasheet HTML 7Page - Intel Corporation DX58SO Datasheet HTML 8Page - Intel Corporation DX58SO Datasheet HTML 9Page - Intel Corporation DX58SO Datasheet HTML 10Page - Intel Corporation DX58SO Datasheet HTML 11Page - Intel Corporation DX58SO Datasheet HTML 12Page - Intel Corporation DX58SO Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
9
1
Product Description
1.1
Overview
1.1.1
Feature Summary
Table 1 summarizes the major features of the board.
Table 1. Feature Summary
Form Factor
ATX (12.00 inches by 9.60 inches [304.80 millimeters by 243.84 millimeters])
Processor
• Intel® Core™ i7 Processor in an LGA1366 socket
Memory
• Four 240-pin DDR3 SDRAM Dual Inline Memory Module (DIMM) sockets
• Support for DDR3 1333 MHz, DDR3 1066 MHz, and DDR3 800 MHz DIMMs
• Support for up to 16 GB of system memory
• Support for non-ECC memory
• XMP version 1.2
Chipset
Intel® X58 Chipset, consisting of:
• Intel® X58 I/O Hub (IOH)
• Intel® 82801IJR I/O Controller Hub (ICH10R)
Audio
Intel® High Definition Audio subsystem using the Realtek* ALC889 audio codec.
Legacy I/O Control
Winbond legacy I/O controller for Consumer Infrared (CIR)
Peripheral
Interfaces
• Twelve USB 2.0 ports
• Six internal Serial ATA interfaces with RAID support
• Two External Serial ATA (eSATA) ports on back panel with RAID support
• Two IEEE 1394a ports (one on back panel, one front-panel header)
BIOS
• Intel® BIOS resident in the SPI Flash device
• Support for Advanced Configuration and Power Interface (ACPI), Plug and Play,
and SMBIOS
Instantly Available
PC Technology
• Support for PCI Local Bus Specification Revision 2.2
• Support for PCI Express* Revision 2.0
• Suspend to RAM support
• Wake on PCI, front panel, CIR, and USB ports
LAN Support
Gigabit (10/100/1000 Mbits/sec) LAN subsystem using the Intel® 82567LM
Gigabit Ethernet Controller
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com