Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 68 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 68 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 64Page - Intel Corporation DX58SO Datasheet HTML 65Page - Intel Corporation DX58SO Datasheet HTML 66Page - Intel Corporation DX58SO Datasheet HTML 67Page - Intel Corporation DX58SO Datasheet HTML 68Page - Intel Corporation DX58SO Datasheet HTML 69Page - Intel Corporation DX58SO Datasheet HTML 70Page - Intel Corporation DX58SO Datasheet HTML 71Page - Intel Corporation DX58SO Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
68
3.10 BIOS Security Features
The BIOS includes security features that restrict access to the BIOS Setup program
and who can boot the computer. A supervisor password and a user password can be
set for the BIOS Setup program and for booting the computer, with the following
restrictions:
•
The supervisor password gives unrestricted access to view and change all the
Setup options in the BIOS Setup program. This is the supervisor mode.
•
The user password gives restricted access to view and change Setup options in the
BIOS Setup program. This is the user mode.
•
If only the supervisor password is set, pressing the <Enter> key at the password
prompt of the BIOS Setup program allows the user restricted access to Setup.
•
If both the supervisor and user passwords are set, users can enter either the
supervisor password or the user password to access Setup. Users have access to
Setup respective to which password is entered.
•
Setting the user password restricts who can boot the computer. The password
prompt will be displayed before the computer is booted. If only the supervisor
password is set, the computer boots without asking for a password. If both
passwords are set, the user can enter either password to boot the computer.
•
For enhanced security, use different passwords for the supervisor and user
passwords.
•
Valid password characters are A-Z, a-z, and 0-9. Passwords may be up to
16 characters in length.
Table 32 shows the effects of setting the supervisor password and user password.
This table is for reference only and is not displayed on the screen.
Table 32. Supervisor and User Password Functions
Password
Set
Supervisor
Mode
User Mode
Setup Options
Password
to Enter
Setup
Password
During
Boot
Neither
Can change all
options (Note)
Can change all
options (Note)
None
None
None
Supervisor
only
Can change all
options
Can change a
limited number
of options
Supervisor Password
Supervisor
None
User only
N/A
Can change all
options
Enter Password
Clear User Password
User
User
Supervisor
and user set
Can change all
options
Can change a
limited number
of options
Supervisor Password
Enter Password
Supervisor or
user
Supervisor or
user
Note:
If no password is set, any user can change all Setup options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com