Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 60 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 60 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 56Page - Intel Corporation DX58SO Datasheet HTML 57Page - Intel Corporation DX58SO Datasheet HTML 58Page - Intel Corporation DX58SO Datasheet HTML 59Page - Intel Corporation DX58SO Datasheet HTML 60Page - Intel Corporation DX58SO Datasheet HTML 61Page - Intel Corporation DX58SO Datasheet HTML 62Page - Intel Corporation DX58SO Datasheet HTML 63Page - Intel Corporation DX58SO Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
60
2.7
Reliability
The Mean Time Between Failures (MTBF) prediction is calculated using component and
subassembly random failure rates. The calculation is based on the Bellcore Reliability
Prediction Procedure, TR-NWT-000332, Issue 4, September 1991. The MTBF
prediction is used to estimate repair rates and spare parts requirements.
The MTBF data is calculated from predicted data at 55 ºC. The MTBF for the board is
84,330.82646 hours.
2.8
Environmental
Table 27 lists the environmental specifications for the board.
Table 27. Environmental Specifications
Parameter
Specification
Temperature
Non-Operating
-40 °C to +70 °C
Operating
0 °C to +55 °C
Shock
Unpackaged
50 g trapezoidal waveform
Velocity change of 170 inches/second²
Packaged
Half sine 2 millisecond
Product Weight (pounds)
Free Fall (inches)
Velocity Change (inches/sec²)
<20
36
167
21-40
30
152
41-80
24
136
81-100
18
118
Vibration
Unpackaged
5 Hz to 20 Hz: 0.01 g² Hz sloping up to 0.02 g² Hz
20 Hz to 500 Hz: 0.02 g² Hz (flat)
Packaged
5 Hz to 40 Hz: 0.015 g² Hz (flat)
40 Hz to 500 Hz: 0.015 g² Hz sloping down to 0.00015 g² Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com