Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 35 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 35 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 31Page - Intel Corporation DX58SO Datasheet HTML 32Page - Intel Corporation DX58SO Datasheet HTML 33Page - Intel Corporation DX58SO Datasheet HTML 34Page - Intel Corporation DX58SO Datasheet HTML 35Page - Intel Corporation DX58SO Datasheet HTML 36Page - Intel Corporation DX58SO Datasheet HTML 37Page - Intel Corporation DX58SO Datasheet HTML 38Page - Intel Corporation DX58SO Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
Product Description
35
1.13.2.8
+5 V Standby Power Indicator LED and Additional LEDs
The +5 V standby power indicator LED shows that power is still present even when the
computer appears to be off. Figure 7 shows the location of the standby power
indicator LED on the board.
CAUTION
If AC power has been switched off and the standby power indicators are still lit,
disconnect the power cord before installing or removing any devices connected to the
board. Failure to do so could damage the board and any attached devices.
In addition to the standby power indicator, the board contains two LEDs that indicate
the following:
•
The Processor LED indicates an elevated temperature on the processor that could
effect performance
•
The Voltage Regulator LED indicates an elevated temperature in the processor
voltage regulator circuit that could effect performance
Figure 7 shows the location of these additional LEDs.
Item
Description
A
Voltage Regulator LED (Red)
B
Standby power indicator LED (Green)
C
Processor LED (Red)
D
Hard drive activity LED (Green)
Figure 7. Locations of Indicator LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com