Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 36 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 36 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 32Page - Intel Corporation DX58SO Datasheet HTML 33Page - Intel Corporation DX58SO Datasheet HTML 34Page - Intel Corporation DX58SO Datasheet HTML 35Page - Intel Corporation DX58SO Datasheet HTML 36Page - Intel Corporation DX58SO Datasheet HTML 37Page - Intel Corporation DX58SO Datasheet HTML 38Page - Intel Corporation DX58SO Datasheet HTML 39Page - Intel Corporation DX58SO Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
36
1.14 Onboard Power Button
The board provides a power button that can be used to turn the computer on or off.
This button is intended for use at integration facilities to remove standby power before
making changes to the system configuration, or for testing purposes.
The power button on the front panel is recommended for all other instances of turning
the computer on or off. To turn the computer off using the onboard power button,
keep the button pressed down for three seconds. Figure 8 shows the location of the
onboard power button.
Figure 8. Location of the Onboard Power Button
CAUTION
Electrostatic discharge (ESD) can damage components. The onboard power button
should be used only at an ESD workstation using an antistatic wrist strap and a
conductive foam pad. If such a station is not available, some ESD protection can be
provided by wearing an antistatic wrist strap and attaching it to a metal part of the
computer chassis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com