Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 55 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 55 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 51Page - Intel Corporation DX58SO Datasheet HTML 52Page - Intel Corporation DX58SO Datasheet HTML 53Page - Intel Corporation DX58SO Datasheet HTML 54Page - Intel Corporation DX58SO Datasheet HTML 55Page - Intel Corporation DX58SO Datasheet HTML 56Page - Intel Corporation DX58SO Datasheet HTML 57Page - Intel Corporation DX58SO Datasheet HTML 58Page - Intel Corporation DX58SO Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
Technical Reference
55
2.4
Mechanical Considerations
2.4.1
Form Factor
The board is designed to fit into an ATX-form-factor chassis. Figure 16 illustrates the
mechanical form factor for the board. Dimensions are given in inches [millimeters].
The outer dimensions are 12.00 inches by 9.60 inches [304.80 millimeters by
243.84 millimeters]. Location of the I/O connectors and mounting holes are in
compliance with the ATX specification.
Figure 16. Board Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com