Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 73 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 73 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 69Page - Intel Corporation DX58SO Datasheet HTML 70Page - Intel Corporation DX58SO Datasheet HTML 71Page - Intel Corporation DX58SO Datasheet HTML 72Page - Intel Corporation DX58SO Datasheet HTML 73Page - Intel Corporation DX58SO Datasheet HTML 74Page - Intel Corporation DX58SO Datasheet HTML 75Page - Intel Corporation DX58SO Datasheet HTML 76Page - Intel Corporation DX58SO Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
Error Messages and Beep Codes
73
Table 36. Port 80h POST Codes
POST Code
Description of POST Operation
Host Processor
10
Power-on initialization of the host processor (Boot Strap Processor)
11
Host processor cache initialization (including APs)
12
Starting Application processor initialization
13
SMM initialization
Chipset
21
Initializing a chipset component
Memory
22
Reading SPD from memory DIMMs
23
Detecting presence of memory DIMMs
24
Programming timing parameters in the memory controller and the DIMMs
25
Configuring memory
26
Optimizing memory settings
27
Initializing memory, such as ECC init
29
Memory testing completed
PCI Bus
50
Enumerating PCI busses
51
Allocating resources to PCI bus
52
Hot Plug PCI controller initialization
53 – 57
Reserved for PCI Bus
USB
58
Resetting USB bus
59
Reserved for USB
ATA/ATAPI/SATA
5A
Resetting PATA/SATA bus and all devices
5B
Reserved for ATA
SMBus
5C
Resetting SMBus
5D
Reserved for SMBus
Local Console
70
Resetting the VGA controller
71
Disabling the VGA controller
72
Enabling the VGA controller
Remote Console
78
Resetting the console controller
79
Disabling the console controller
7A
Enabling the console controller
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com