Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 22 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 22 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 18Page - Intel Corporation DX58SO Datasheet HTML 19Page - Intel Corporation DX58SO Datasheet HTML 20Page - Intel Corporation DX58SO Datasheet HTML 21Page - Intel Corporation DX58SO Datasheet HTML 22Page - Intel Corporation DX58SO Datasheet HTML 23Page - Intel Corporation DX58SO Datasheet HTML 24Page - Intel Corporation DX58SO Datasheet HTML 25Page - Intel Corporation DX58SO Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
22
1.10 Audio Subsystem
The board supports the Intel High Definition Audio subsystem based on the Realtek
ALC889 audio codec. The audio subsystem supports the following features:
•
Advanced jack sense for the back panel audio jacks that enables the audio codec to
recognize the device that is connected to an audio port. The back panel audio
jacks are capable of retasking according to user’s definition, or can be
automatically switched depending on the recognized device type.
•
Stereo input and output for all back panel jacks
•
Line out and Mic in functions for front panel audio jacks
•
A signal-to-noise (S/N) ratio of 90 dB
1.10.1
Audio Subsystem Software
Audio software and drivers are available from Intel’s World Wide Web site.
For information about
Refer to
Obtaining audio software and drivers
Section 1.3, page 14
1.10.2
Audio Connectors and Headers
The board contains audio connectors and headers on both the back panel and the
component side of the board. The component-side audio headers include the
following:
•
Front panel audio (a 2 x 5-pin header that provides mic in and line out signals for
front panel audio connectors)
•
High Definition (HD) Audio Link header (a 2 x 8-pin header for S/PDIF) used for
HDMI Video cards
•
S/PDIF audio connector (1 x 3-pin connector) can be used for HDMI Video cards
that do not work with the HD Audio header
•
S/PDIF output between the back panel Optical connector and the internal S/PDIF
header can be selected in BIOS setup
For information about
Refer to
The locations of the front panel audio header, HD Audio Link header, and
S/PDIF audio connector
Figure 11, page 43
The signal names of the front panel audio header
Table 11, page 45
The back panel audio connectors
Section 2.2.1, page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com