Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 50 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 50 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 46Page - Intel Corporation DX58SO Datasheet HTML 47Page - Intel Corporation DX58SO Datasheet HTML 48Page - Intel Corporation DX58SO Datasheet HTML 49Page - Intel Corporation DX58SO Datasheet HTML 50Page - Intel Corporation DX58SO Datasheet HTML 51Page - Intel Corporation DX58SO Datasheet HTML 52Page - Intel Corporation DX58SO Datasheet HTML 53Page - Intel Corporation DX58SO Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
50
2.2.2.5
Front Panel Header
This section describes the functions of the front panel header. Table 20 lists the signal
names of the front panel header. Figure 12 is a connection diagram for the front panel
header.
Table 20. Front Panel Header
Pin
Signal
In/
Out
Description
Pin
Signal
In/
Out
Description
Hard Drive Activity LED
Power LED
1
HD_PWR
Out
Hard disk LED
pull-up to +5 V
2
HDR_BLNK_GRN Out
Front panel green
LED
3
HDA#
Out
Hard disk active
LED
4
HDR_BLNK_YEL
Out
Front panel yellow
LED
Reset Switch
On/Off Switch
5
Ground
Ground
6
FPBUT_IN
In
Power switch
7
FP_RESET#
In
Reset switch
8
Ground
Ground
Power
Not Connected
9
+5 V
Power
10
N/C
Not connected
Figure 12. Connection Diagram for Front Panel Header
2.2.2.5.1
Hard Drive Activity LED Header
Pins 1 and 3 can be connected to an LED to provide a visual indicator that data is
being read from or written to a hard drive. Proper LED function requires one of the
following:
•
A Serial ATA hard drive or optical drive connected to an onboard Serial ATA
connector
•
A Parallel ATA IDE hard drive or optical drive connected to an onboard Parallel ATA
IDE connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com