Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 46 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 46 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 42Page - Intel Corporation DX58SO Datasheet HTML 43Page - Intel Corporation DX58SO Datasheet HTML 44Page - Intel Corporation DX58SO Datasheet HTML 45Page - Intel Corporation DX58SO Datasheet HTML 46Page - Intel Corporation DX58SO Datasheet HTML 47Page - Intel Corporation DX58SO Datasheet HTML 48Page - Intel Corporation DX58SO Datasheet HTML 49Page - Intel Corporation DX58SO Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
46
Table 13. Chassis Intrusion Header
Pin
Signal Name
1
Intruder
2
Ground
Table 14. Front and Rear Chassis (3-Pin) Fan Headers
Pin
Signal Name
1
Control (Note)
2
+12 V
3
Tach
Note:
These fan headers use voltage variance control for fan speed.
Table 15. Processor and Rear Chassis 2 (4-Pin) Fan Headers
Pin
Signal Name
1
Ground (Note)
2
+12 V
3
FAN_TACH
4
FAN_CONTROL
Note:
These fan headers use Pulse Width Modulation control for fan speed.
Table 20. Back Panel CIR Emitter (Output) Header
Pin
Signal Name
1
Emitter out 1
2
Emitter out 2
3
Ground
4
Key (no pin)
5
Jack detect 1
6
Jack detect 2
Table 21. Front Panel CIR Receiver (Input) Header
Pin
Signal Name
1
Ground
2
LED
3
NC
4
Learn-in
5
5 V standby
6
VCC
7
Key (no pin)
8
CIR Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com