Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 47 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 47 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 43Page - Intel Corporation DX58SO Datasheet HTML 44Page - Intel Corporation DX58SO Datasheet HTML 45Page - Intel Corporation DX58SO Datasheet HTML 46Page - Intel Corporation DX58SO Datasheet HTML 47Page - Intel Corporation DX58SO Datasheet HTML 48Page - Intel Corporation DX58SO Datasheet HTML 49Page - Intel Corporation DX58SO Datasheet HTML 50Page - Intel Corporation DX58SO Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Technical Reference
47
2.2.2.2
Add-in Card Connectors
The board has the following add-in card connectors:
•
PCI Express 2.0 x16: two PCI Express 2.0 x16 connectors supporting
simultaneous transfer speeds up to 8 GB/sec of peak bandwidth per direction and
up to 16 GB/sec concurrent bandwidth.
•
PCI Express 2.0 x4: one PCI Express 2.0 x4 connector (implemented using a x4
physical connector capable of accepting a x16 card). The x4 interface supports
simultaneous transfer speeds up to 250 MB/sec of peak bandwidth per direction
and up to 5 GB/sec concurrent bandwidth.
•
PCI Express 1.1 x1: two PCI Express 1.1 x1 connectors. The x1 interface
supports simultaneous transfer speeds up to 250 MB/sec of peak bandwidth per
direction and up to 2 GB/sec concurrent bandwidth.
•
PCI Conventional (rev 2.3 compliant) bus: one PCI Conventional bus add-in card
connector. The SMBus is routed to the PCI Conventional bus connector. PCI
Conventional bus add-in cards with SMBus support can access sensor data and
other information residing on the board.
Note the following considerations for the PCI Conventional bus connector:
•
The PCI Conventional bus connector is bus master capable.
•
SMBus signals are routed to the PCI Conventional bus connector. This enables PCI
Conventional bus add-in boards with SMBus support to access sensor data on the
board. The specific SMBus signals are as follows:
⎯ The SMBus clock line is connected to pin A40.
⎯ The SMBus data line is connected to pin A41.
2.2.2.3
Auxiliary Front Panel Power/Sleep LED Header
Pins 1 and 3 of this header duplicate the signals on pins 2 and 4 of the front panel
header.
Table 16. Auxiliary Front Panel Power/Sleep LED Header
Pin
Signal Name
In/Out
Description
1
HDR_BLNK_GRN
Out
Front panel green LED
2
Not connected
3
HDR_BLNK_YEL
Out
Front panel yellow LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com