Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 20 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 20 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 16Page - Intel Corporation DX58SO Datasheet HTML 17Page - Intel Corporation DX58SO Datasheet HTML 18Page - Intel Corporation DX58SO Datasheet HTML 19Page - Intel Corporation DX58SO Datasheet HTML 20Page - Intel Corporation DX58SO Datasheet HTML 21Page - Intel Corporation DX58SO Datasheet HTML 22Page - Intel Corporation DX58SO Datasheet HTML 23Page - Intel Corporation DX58SO Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
20
1.7
Discrete eSATA Controller
The board provides a discrete Marvell* controller to support two eSATA connectors on
the back panel.
1.7.1
External Serial ATA Support
The red Serial ATA connectors on the back panel can be used for an external SATA
drive. They can also be used for port replication, which allows the aggregation of
multiple hard drives on each of the eSATA ports. Figure 10 on page 42 shows the
location of the External Serial ATA-compatible SATA ports on the back panel.
The Marvell 88SE621 controller uses the PCI Express bus for data transfer with a
theoretical maximum transfer rate of 3 Gbits/sec per port. These connectors are in
addition to the six SATA connectors of the ICH10R SATA interface.
The discrete SATA interface supports the following RAID levels:
•
RAID 0
•
RAID 1
NOTE
The Marvell 88SE621 controller supports single drive non-RAID configurations as well
as RAID configurations. For RAID configurations, you must install the RAID drivers by
pressing F6 during operating system installation. See your operating system
installation documentation for more information about installing drivers during the
installation process.
For information about
Refer to
The location of the discrete SATA RAID connectors
Figure 11, page 43
1.8
Real-Time Clock Subsystem
A coin-cell battery (CR2032) powers the real-time clock and CMOS memory. When
the computer is not plugged into a wall socket, the battery has an estimated life of
three years. When the computer is plugged in, the standby current from the power
supply extends the life of the battery. The clock is accurate to ± 13 minutes/year at
25 ºC with 3.3 VSB applied.
NOTE
If the battery and AC power fail Date and Time values will be reset and the user will be
notified during POST.
When the voltage drops below a certain level, the BIOS Setup program settings stored
in CMOS RAM (for example, the date and time) might not be accurate. Replace the
battery with an equivalent one. Figure 1 on page 11 shows the location of the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com