Electronic Components Datasheet Search
  English  ▼

X  

DX58SO Datasheet(PDF) 48 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 48 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 44Page - Intel Corporation DX58SO Datasheet HTML 45Page - Intel Corporation DX58SO Datasheet HTML 46Page - Intel Corporation DX58SO Datasheet HTML 47Page - Intel Corporation DX58SO Datasheet HTML 48Page - Intel Corporation DX58SO Datasheet HTML 49Page - Intel Corporation DX58SO Datasheet HTML 50Page - Intel Corporation DX58SO Datasheet HTML 51Page - Intel Corporation DX58SO Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
Intel Desktop Board DX58SO Technical Product Specification
48
2.2.2.4
Power Supply Connectors
The board has the following power supply connectors:
•
Main power – a 2 x 12 connector. This connector is compatible with 2 x 10
connectors previously used on Intel Desktop boards. The board supports the use
of ATX12V power supplies with either 2 x 10 or 2 x 12 main power cables. When
using a power supply with a 2 x 10 main power cable, attach that cable on the
rightmost pins of the main power connector, leaving pins 11, 12, 23, and
24 unconnected.
•
Processor core power – a 2 x 4 connector. This connector provides power
directly to the processor voltage regulator and must always be used. Failure to do
so will prevent the board from booting.
•
Auxiliary PCI Express graphics power – a 1 x 4 connector. This connector
provides the required additional power when using high power (75 W or greater)
add-in cards in either or both the Secondary PCI Express x16 (electrical x8) and
the PCI Express x16 (electrical x4) bus add-in card connectors. See Figure 1 for
location.
•
“SATA style” power connector – an additional power connector for
supplemental power which can be used in addition to or in place of the Auxiliary
PCI Express graphics power connector.
CAUTION
If high power (75 W or greater) add-in cards are installed in either or both the
Secondary PCI Express x16 and the PCI Express x4 bus add-in card connectors, the
Auxiliary PCI Express graphics power connector must be used. Failure to do so may
cause damage to the board and the add-in cards.
Table 17. Processor Core Power Connector
Pin
Signal Name
Pin
Signal Name
1
Ground
2
+12 V
3
Ground
4
+12 V
5
Ground
6
+12 V
7
Ground
8
+12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com