Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 116 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 116 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 112Page - Altera Corporation FLEX10KA Datasheet HTML 113Page - Altera Corporation FLEX10KA Datasheet HTML 114Page - Altera Corporation FLEX10KA Datasheet HTML 115Page - Altera Corporation FLEX10KA Datasheet HTML 116Page - Altera Corporation FLEX10KA Datasheet HTML 117Page - Altera Corporation FLEX10KA Datasheet HTML 118Page - Altera Corporation FLEX10KA Datasheet HTML 119Page - Altera Corporation FLEX10KA Datasheet HTML 120Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 128 page
background image
116
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 108. EPF10K250A Device EAB Internal Microparameters
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
MinMax
MinMax
MinMax
tEABDATA1
1.3
1.5
1.7
ns
tEABDATA2
1.3
1.5
1.7
ns
tEABWE1
0.9
1.1
1.3
ns
tEABWE2
5.0
5.7
6.7
ns
tEABCLK
0.6
0.7
0.8
ns
tEABCO
0.0
0.0
0.0
ns
tEABBYPASS
0.1
0.1
0.2
ns
tEABSU
3.8
4.3
5.0
ns
tEABH
0.7
0.8
0.9
ns
tAA
4.5
5.0
5.9
ns
tWP
5.6
6.4
7.5
ns
tWDSU
1.3
1.4
1.7
ns
tWDH
0.1
0.1
0.2
ns
tWASU
0.1
0.1
0.2
ns
tWAH
0.1
0.1
0.2
ns
tWO
4.1
4.6
5.5
ns
tDD
4.1
4.6
5.5
ns
tEABOUT
0.1
0.1
0.2
ns
tEABCH
2.5
3.0
3.5
ns
tEABCL
5.6
6.4
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com