Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 119 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 119 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 115Page - Altera Corporation FLEX10KA Datasheet HTML 116Page - Altera Corporation FLEX10KA Datasheet HTML 117Page - Altera Corporation FLEX10KA Datasheet HTML 118Page - Altera Corporation FLEX10KA Datasheet HTML 119Page - Altera Corporation FLEX10KA Datasheet HTML 120Page - Altera Corporation FLEX10KA Datasheet HTML 121Page - Altera Corporation FLEX10KA Datasheet HTML 122Page - Altera Corporation FLEX10KA Datasheet HTML 123Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
Altera Corporation
119
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
All timing parameters are described in Tables 32 through 37 in this data sheet.
(2)
Using an LE to register the signal may provide a lower setup time.
(3)
This parameter is specified by characterization.
ClockLock &
ClockBoost
Timing
Parameters
For the ClockLock and ClockBoost circuitry to function properly, the
incoming clock must meet certain requirements. If these specifications are
not met, the circuitry may not lock onto the incoming clock, which
generates an erroneous clock within the device. The clock generated by
the ClockLock and ClockBoost circuitry must also meet certain
specifications. If the incoming clock meets these requirements during
configuration, the ClockLock and ClockBoost circuitry will lock onto the
clock during configuration. The circuit will be ready for use immediately
after configuration. Figure 31 illustrates the incoming and generated clock
specifications.
Figure 31. Specifications for the Incoming & Generated Clocks
The tI parameter refers to the nominal input clock period; the tO parameter refers to the
nominal output clock period.
Table 113 summarizes the ClockLock and ClockBoost parameters.
tR
tF
tCLK1
tINDUTY
tI ± fCLKDEV
tI
tI ± tINCLKSTB
tOUTDUTY
tO
tO + tJITTER
tO – tJITTER
Input
Clock
ClockLock-
Generated
Clock
Table 113. ClockLock & ClockBoost Parameters
(Part 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
tR
Input rise time
2ns
tF
Input fall time
2ns
tINDUTY
Input duty cycle
45
55
%
fCLK1
Input clock frequency (ClockBoost clock multiplication factor equals 1)
30
80
MHz
tCLK1
Input clock period (ClockBoost clock multiplication factor equals 1)
12.5
33.3
ns
fCLK2
Input clock frequency (ClockBoost clock multiplication factor equals 2)
16
50
MHz
tCLK2
Input clock period (ClockBoost clock multiplication factor equals 2)
20
62.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com