Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 121 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 121 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 117Page - Altera Corporation FLEX10KA Datasheet HTML 118Page - Altera Corporation FLEX10KA Datasheet HTML 119Page - Altera Corporation FLEX10KA Datasheet HTML 120Page - Altera Corporation FLEX10KA Datasheet HTML 121Page - Altera Corporation FLEX10KA Datasheet HTML 122Page - Altera Corporation FLEX10KA Datasheet HTML 123Page - Altera Corporation FLEX10KA Datasheet HTML 124Page - Altera Corporation FLEX10KA Datasheet HTML 125Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 128 page
background image
Altera Corporation
121
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
fMAX
=
Maximum operating frequency in MHz
N
=
Total number of logic cells used in the device
togLC
=
Average percent of logic cells toggling at each clock
(typically 12.5%)
K
=
Constant, shown in Tables 114 and 115
This calculation provides an ICC estimate based on typical conditions with
no output load. The actual ICC should be verified during operation
because this measurement is sensitive to the actual pattern in the device
and the environmental operating conditions.
To better reflect actual designs, the power model (and the constant K in
the power calculation equations) for continuous interconnect FLEX
devices assumes that logic cells drive FastTrack Interconnect channels. In
contrast, the power model of segmented FPGAs assumes that all logic
cells drive only one short interconnect segment. This assumption may
lead to inaccurate results, compared to measured power consumption for
an actual design in a segmented interconnect FPGA.
Figure 32 shows the relationship between the current and operating
frequency of FLEX 10K devices.
Table 114. FLEX 10K K Constant Values
Device
K Value
EPF10K10
82
EPF10K20
89
EPF10K30
88
EPF10K40
92
EPF10K50
95
EPF10K70
85
EPF10K100
88
Table 115. FLEX 10KA K Constant Values
Device
K Value
EPF10K10A
17
EPF10K30A
17
EPF10K50V
19
EPF10K100A
19
EPF10K130V
22
EPF10K250A
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com