Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 124 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 124 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 120Page - Altera Corporation FLEX10KA Datasheet HTML 121Page - Altera Corporation FLEX10KA Datasheet HTML 122Page - Altera Corporation FLEX10KA Datasheet HTML 123Page - Altera Corporation FLEX10KA Datasheet HTML 124Page - Altera Corporation FLEX10KA Datasheet HTML 125Page - Altera Corporation FLEX10KA Datasheet HTML 126Page - Altera Corporation FLEX10KA Datasheet HTML 127Page - Altera Corporation FLEX10KA Datasheet HTML 128Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
124
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 32. ICCACTIVE vs. Operating Frequency (Part 3 of 3)
Configuration &
Operation
The FLEX 10K architecture supports several configuration schemes. This
section summarizes the device operating modes and available device
configuration schemes.
f See Application Note 116 (Configuring APEX 20K, FLEX 10K & FLEX 6000
Devices) for detailed descriptions of device configuration options, device
configuration pins, and for information on configuring FLEX 10K devices,
including sample schematics, timing diagrams, and configuration
parameters.
Operating Modes
The FLEX 10K architecture uses SRAM configuration elements that
require configuration data to be loaded every time the circuit powers up.
The process of physically loading the SRAM data into the device is called
configuration. Before configuration, as VCC rises, the device initiates a
Power-On Reset (POR). This POR event clears the device and prepares it
for configuration. The FLEX 10K POR time does not exceed 50
µs.
During initialization, which occurs immediately after configuration, the
device resets registers, enables I/O pins, and begins to operate as a logic
device. The I/O pins are tri-stated during power-up, and before and
during configuration. Together, the configuration and initialization
processes are called command mode; normal device operation is called user
mode.
EPF10K250A
0
Frequency (MHz)
3,500
3,000
2,500
2,000
1,500
1,000
500
20
40
60
100
80
ICC Supply
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com