Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 126 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 126 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 120Page - Altera Corporation FLEX10KA Datasheet HTML 121Page - Altera Corporation FLEX10KA Datasheet HTML 122Page - Altera Corporation FLEX10KA Datasheet HTML 123Page - Altera Corporation FLEX10KA Datasheet HTML 124Page - Altera Corporation FLEX10KA Datasheet HTML 125Page - Altera Corporation FLEX10KA Datasheet HTML 126Page - Altera Corporation FLEX10KA Datasheet HTML 127Page - Altera Corporation FLEX10KA Datasheet HTML 128Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
126
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Multiple FLEX 10K devices can be configured in any of the five
configuration schemes by connecting the configuration enable (nCE) and
configuration enable output (nCEO) pins on each device.
Device Pin-
Outs
See the Altera web site (http://www.altera.com) or the Altera Digital
Library for pin-out information.
Revision
History
The information contained in the FLEX 10K Embedded Programmable Logic
Device Family Data Sheet version 4.2 supersedes information published in
previous versions.
Version 4.2 Changes
The following change was made to version 4.2 of the FLEX 10K Embedded
Programmable Logic Device Family Data Sheet: updated Figure 13.
Version 4.1 Changes
The following changes were made to version 4.1 of the FLEX 10K
Embedded Programmable Logic Device Family Data Sheet.
■
Updated General Description section
■
Updated I/O Element section
■
Updated SameFrame Pin-Outs section
■
Updated Figure 16
■
Updated Tables 13 and 116
■
Added Note 9 to Table 19
■
Added Note 10 to Table 24
■
Added Note 10 to Table 28
Table 116. Data Sources for Configuration
Configuration Scheme
Data Source
Configuration device
EPC1, EPC2, EPC16, or EPC1441 configuration device
Passive serial (PS)
BitBlaster, MasterBlaster, or ByteBlasterMV download cable, or
serial data source
Passive parallel asynchronous (PPA)
Parallel data source
Passive parallel synchronous (PPS)
Parallel data source
JTAG
BitBlaster, MasterBlaster, or ByteBlasterMV download cable, or
microprocessor with Jam STAPL file or Jam Byte-Code file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com