Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 31Page - Texas Instruments DAC3151 Datasheet HTML 32Page - Texas Instruments DAC3151 Datasheet HTML 33Page - Texas Instruments DAC3151 Datasheet HTML 34Page - Texas Instruments DAC3151 Datasheet HTML 35Page - Texas Instruments DAC3151 Datasheet HTML 36Page - Texas Instruments DAC3151 Datasheet HTML 37Page - Texas Instruments DAC3151 Datasheet HTML 38Page - Texas Instruments DAC3151 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
tS (SDENB)
tS(SDIO) tH(SDIO)
t
SCLK
SDENB
SCLK
SDIO
SDENB
SCLK
SDIO
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
SERIAL INTERFACE DESCRIPTION
The serial port of the DAC3151/DAC3161/DAC3171 is a flexible serial interface which communicates with
industry standard microprocessors and microcontrollers. The interface provides read/write access to all registers
used to define the operating modes of DAC3151/DAC3161/DAC3171. It is compatible with most synchronous
transfer formats and can be configured as a 3 or 4 pin interface by sif4_ena in register XYZ. In both
configurations, SCLK is the serial interface input clock and SDENB is serial interface enable. For 3 pin
configuration, SDIO is a bidirectional pin for both data in and data out. For 4 pin configuration, SDIO is data in
only and SDO is data out only. Data is input into the device with the rising edge of SCLK. Data is output from the
device on the falling edge of SCLK.
Each read/write operation is framed by signal SDENB (Serial Data Enable Bar) asserted low. The first frame byte
is the instruction cycle which identifies the following data transfer cycle as read or write as well as the 7-bit
address to be accessed. Table 5 indicates the function of each bit in the instruction cycle and is followed by a
detailed description of each bit. The data transfer cycle consists of two bytes.
Table 5. Instruction Byte of the Serial interface
MSB
LSB
Bit
7
6
5
4
3
2
1
0
Description
R/W
A6
A5
A4
A3
A2
A1
A0
R/W
Identifies the following data transfer cycle as a read or write operation. A high indicates a read
operation from DAC3151/DAC3161/DAC3171 and a low indicates a write operation to
DAC3151/DAC3161/DAC3171.
[A6 : A0]
Identifies the address of the register to be accessed during the read or write operation.
Figure 70 shows the serial interface timing diagram for a DAC3151/DAC3161/DAC3171 write operation. SCLK is
the serial interface clock input to DAC3151/DAC3161/DAC3171. Serial data enable SDENB is an active low input
to DAC3151/DAC3161/DAC3171. SDIO is serial data in. Input data to DAC3151/DAC3161/DAC3171 is clocked
on the rising edges of SCLK.
Figure 70. Serial Interface Write Timing Diagram
Figure 71 shows the serial interface timing diagram for a DAC3151/DAC3161/DAC3171 read operation. SCLK is
the serial interface clock input to DAC3151/DAC3161/DAC3171. Serial data enable SDENB is an active low input
to DAC3151/DAC3161/DAC3171. SDIO is serial data in during the instruction cycle. In 3 pin configuration, SDIO
is data out from the DAC3151/DAC3161/DAC3171 during the data transfer cycle, while SDO is in a high-
impedance
state.
In
4
pin
configuration,
both
SDIO
and
SDO
are
data
out
from
the
DAC3151/DAC3161/DAC3171 during the data transfer cycle. At the end of the data transfer, SDIO and SDO will
output low on the final falling edge of SCLK until the rising edge of SDENB when they will 3-state.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com