Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 19Page - Texas Instruments DAC3151 Datasheet HTML 20Page - Texas Instruments DAC3151 Datasheet HTML 21Page - Texas Instruments DAC3151 Datasheet HTML 22Page - Texas Instruments DAC3151 Datasheet HTML 23Page - Texas Instruments DAC3151 Datasheet HTML 24Page - Texas Instruments DAC3151 Datasheet HTML 25Page - Texas Instruments DAC3151 Datasheet HTML 26Page - Texas Instruments DAC3151 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G026
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G027
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0
500
1000
1500
2000
2500
3000
3500
4000
Code
G024
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0
500
1000
1500
2000
2500
3000
3500
4000
Code
G025
A
R e f
- 1 0
d B m
*
A t t
5
d B
C L R W R
*
1
R M
*
*
N O R
3 D B
R B W
3 0
k H z
V B W
3 0 0
k H z
S W T
2
s
*
C e n t e r
7 0
M H z
S p a n
2 9 . 2 8 2 7 4 1 9
M H z
2 . 9 2 8 2 7 4 1 9
M H z /
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
- 2 0
T x
C h a n n e l
E - U T R A / L T E
S q u a r e
B a n d w i d t h
9 . 0 1 5
M H z
P o w e r
- 1 2 . 3 3 d B m
A d j a c e n t
C h a n n e l
B a n d w i d t h
9 . 0 1 5
M H z
L o w e r
- 6 4 . 0 0 d B
S p a c i n g
1 0
M H z
U p p e r
- 6 4 . 0 9 d B
A
R e f
- 1 0
d B m
*
*
*
3 D B
R B W
3 0
k H z
V B W
3 0 0
k H z
S W T
2
s
A t t
5
d B
C L R W R
*
1
R M
N O R
*
C e n t e r
7 0
M H z
S p a n
5 8 . 5 5 0 3 4 5 3 8
M H z
5 . 8 5 5 0 3 4 5 3 8
M H z /
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
- 2 0
T x
C h a n n e l
E - U T R A / L T E
S q u a r e
B a n d w i d t h
1 8 . 0 1 5
M H z
P o w e r
- 1 1 . 1 4 d B m
A d j a c e n t
C h a n n e l
B a n d w i d t h
1 8 . 0 1 5
M H z
L o w e r
- 6 1 . 9 3 d B
S p a c i n g
2 0
M H z
U p p e r
- 6 2 . 2 1 d B
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 23. DAC3151 ACPR LTE 10-MHz FDD E-TM 1.1
Figure 24. DAC3151 ACPR LTE 20-MHz FDD E-TM 1.1
Figure 25. DAC3161 Integral Nonlinearity
Figure 26. DAC3161 Differential Nonlinearity
Figure 27. DAC3161 SFDR vs Output Frequency Over Input
Figure 28. DAC3161 Second-Order Harmonic Distortion vs
Scale
Output Frequency Over Input Scale
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com