Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 32Page - Texas Instruments DAC3151 Datasheet HTML 33Page - Texas Instruments DAC3151 Datasheet HTML 34Page - Texas Instruments DAC3151 Datasheet HTML 35Page - Texas Instruments DAC3151 Datasheet HTML 36Page - Texas Instruments DAC3151 Datasheet HTML 37Page - Texas Instruments DAC3151 Datasheet HTML 38Page - Texas Instruments DAC3151 Datasheet HTML 39Page - Texas Instruments DAC3151 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
td(Data)
SDENB
SCLK
SDIO
SDENB
SCLK
SDIO
SDO
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Data n
Data n-1
DAC3151
DAC3161
DAC3171
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
Figure 71. Serial Interface Read Timing Diagram
REGISTER DESCRIPTIONS
In the SIF interface there are four types of registers:
NORMAL:
The NORMAL register type allows data to be written and read from. All 16-bits of the data are
registered at the same time. There is no synchronizing with an internal clock thus all register
writes are asynchronous with respect to internal clocks. There are three subtypes of NORMAL:
AUTOSYNC:
A NORMAL register that causes a sync to be generated after the write is
finished. These are most commonly used in things like offsets and phaseadd
where there is a word or block setup that extends across multiple registers
and all of the registers need to be programmed before any take effect on the
circuit. For example, the phaseadd is two registers long. It wouldn’t serve the
user to have the first write 16 of the 32 bits cause a change in the frequency,
so the design allows all the registers to be written and then when that last
one for this block is finished, an autosync is generated for the mixer telling it
to grab all the new SIF values. This will occur on a mixer clock cycle so that
no meta-stability errors occur.
No RESET Value: These are NORMAL registers, but for one reason or another reset value can
not be guaranteed. This could be because the register has some read_only
bits or some internal logic partially controls the bit values. An example is the
SIF_CONFIG6 register. The bits come from the temperature sensor and the
fuses. Depending on which fuses are blown and what the die temp is the
reset value will be different.
FUSE controlled:
While this isn’t a type of register, you may see this description in the area
describing the default value for the register. What is means is that fuses will
change the default value and the value shown in the document is for when
no fuses are blown.
READ_ONLY:
Registers that are internal wires ANDed with the address bus then connected to the SIF
output data bus.
WRITE_TO_CLEAR: These registers are just like NORMAL registers with one exception. They can be written
and read, however, when the internal logic asynchronously sets a bit high in one of
these registers, that bit stays high until it is written to ‘0’. This way interrupts will be
captured and stay constant until cleared by the user.
36
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com