Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 33Page - Texas Instruments DAC3151 Datasheet HTML 34Page - Texas Instruments DAC3151 Datasheet HTML 35Page - Texas Instruments DAC3151 Datasheet HTML 36Page - Texas Instruments DAC3151 Datasheet HTML 37Page - Texas Instruments DAC3151 Datasheet HTML 38Page - Texas Instruments DAC3151 Datasheet HTML 39Page - Texas Instruments DAC3151 Datasheet HTML 40Page - Texas Instruments DAC3151 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
Table 6. Register Map
(MSB)
(LSB)
Name
Address
Default
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 15
Bit 0
config0
0x00
0x44FC
qmc
dual_ena
chipwidth (1:0)
rev
twos
sif4_ena
reserved
fifo_ena
alarm_out
alarm_out
alignrx
lvdssyncrx
lvdsdataclk
reserved
synconly
_offset
_ena
_pol
_ena
_ena
_ena
_ena
_ena
config1
0x01
0x600E
iotest_ena
reserved
fullword
64cnt
dacclkgone
dataclkgone
collision
reserved
daca
reserved
sif_sync
sif_
alarm_
alarm
alarm
reserved
_interface
_ena
_ena
_end
_ena
_compliment
sync_ena
2away
_1away
_collision
_ena
_ena
_ena
_ena
config2
0x02
0x3FFF
reserved
reserved
lvdsdata_ena (13:0)
config3
0x03
0x0000
datadlya (2:0)
clkdlya (2:0)
reserved
reserved
extref _ena
reserved
reserved
config4
0x04
0x0000
reserved
iotest_results (13:0)
config5
0x05
0x0000
alarm
reserved
alarms_from_fifoa (2:0)
reserved
alarm
alarm
clock
alarm
reserved
reserved
_from
_dacclk
_dataclk
_gone
_from
_zerochka
_gone
_ gone
_ iotesta
config6
0x06
0x0000
tempdata (7:0)
fuse_cntl (5:0)
reserved
config7
0x07
0xFFFF
alarms_mask (15:0)
config8
0x08
0x4000
reserved
qmc_offseta (12:0)
config9
0x09
0x8000
fifo_offset (2:0)
reserved
config10
0x0A
0xF080
coarse_dac (3:0)
fuse_ sleep
reserved
reserved
tsense
clkrecv
sleepa
sleepb
reserved
reserved
_sleep
_ena
config11
0x0B
0x1111
reserved
reserved
reserved
reservedspares_west (3:0)
config12
0x0C
0x3A7A
reserved
iotest_pattern0 (13:0)
config13
0x0D
0x36B6
reserved
iotest_pattern1 (13:0)
config14
0x0E
0x2AEA
reserved
iotest_pattern2 (13:0)
config15
0x0F
0x0545
reserved
iotest_pattern3 (13:0)
config16
0x10
0x1A1A
reserved
iotest_pattern4 (13:0)
config17
0x11
0x1616
reserved
iotest_pattern5 (13:0)
config18
0x12
0x2AAA
reserved
iotest_pattern6 (13:0)
config19
0x13
0x06C6
reserved
iotest_pattern7 (13:0)
config20
0x14
0x0000
sifdac
reserved
sifdac (13:0)
_ena
config21
0x15
0xFFFF
sleepcntl (15:0)
config22
0x16
0x0000
fa002_data(15:0)
config23
0x17
0x0000
fa002_data(31:16)
config24
0x18
0x0000
fa002_data(47:32)
config25
0x19
0x0000
fa002_data(63:48)
config127
0x7F
0x0044
reserved
reserved
reserved
reserved
reserved
titest_voh
titest_vol
vendorid (1:0)
versionid (2:0)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com