Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 12Page - Texas Instruments DAC3151 Datasheet HTML 13Page - Texas Instruments DAC3151 Datasheet HTML 14Page - Texas Instruments DAC3151 Datasheet HTML 15Page - Texas Instruments DAC3151 Datasheet HTML 16Page - Texas Instruments DAC3151 Datasheet HTML 17Page - Texas Instruments DAC3151 Datasheet HTML 18Page - Texas Instruments DAC3151 Datasheet HTML 19Page - Texas Instruments DAC3151 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
DAC3151
DAC3161
DAC3171
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, DAC sample rate = 500MSPS, 50% clock
duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUTFS = 20mA (unless otherwise noted).
DAC3151
DAC3161
DAC3171
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
POWER CONSUMPTION
IVDDA33
3.3V Analog supply current
28
28
28
35
mA
ICLKVDD18
1.8V Clock supply current
47
47
47
56
mA
MODE 1
1.8V Digital supply current
IDIGVDD18
110
110
110
125
mA
fDAC = 491.52 MSPS, QMC on,
(DIGVDD18 and VFUSE)
IF = 20 MHz, Input full word width
IIOVDD
1.8V IO Supply current
0.002
0.002
0.002
0.015
mA
Pdis
Total power dissipation
375
375
375
442
mW
IVDDA33
3.3V Analog supply current
28
28
28
mA
ICLKVDD18
1.8V Clock supply current
37
37
37
mA
MODE 2
1.8V Digital supply current
IDIGVDD18
80
80
80
mA
fDAC = 320 MSPS, QMC on,
(DIGVDD18 and VFUSE)
IF = 20 MHz, Input full word width
IIOVDD
1.8V IO Supply current
0.002
0.002
0.002
mA
Pdis
Total power dissipation
303
303
303
mW
IVDDA33
3.3V Analog supply current
2.6
2.6
2.6
mA
ICLKVDD18
1.8V Clock supply current
43
43
43
mA
MODE 3
1.8V Digital supply current
IDIGVDD18
106
106
106
mA
Sleep mode, fDAC = 491.52 MSPS,
(DIGVDD18 and VFUSE)
DAC in sleep mode, Input full word width
IIOVDD
1.8V IO Supply current
0.003
0.003
0.003
mA
Pdis
Total power dissipation
277
277
277
mW
IVDDA33
3.3V Analog supply current
1.6
4
1.6
4
1.6
4
mA
ICLKVDD18
1.8V Clock supply current
1.8
4
1.8
4
1.8
4
mA
MODE 4
1.8V Digital supply current
IDIGVDD18
0.7
3
0.7
3
0.7
3
mA
Power-down mode, no clock,
(DIGVDD18 and VFUSE)
DAC in sleep mode, Input full word width
IIOVDD
1.8V IO Supply current
0.003
0.015
0.003
0.015
0.003
0.015
mA
Pdis
Total power dissipation
10
26
10
26
10
26
mW
–0.4
0.4
–0.4
0.4
–0.4
0.4
%/FSR
PSRR
Power supply rejection ratio
DC tested
/V
T
Operating temperature
–40
85
–40
85
–40
85
°C
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com