Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 42Page - Texas Instruments DAC3151 Datasheet HTML 43Page - Texas Instruments DAC3151 Datasheet HTML 44Page - Texas Instruments DAC3151 Datasheet HTML 45Page - Texas Instruments DAC3151 Datasheet HTML 46Page - Texas Instruments DAC3151 Datasheet HTML 47Page - Texas Instruments DAC3151 Datasheet HTML 48Page - Texas Instruments DAC3151 Datasheet HTML 49Page - Texas Instruments DAC3151 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
DAC3151
DAC3161
DAC3171
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
Register name: config127– Address: 0x7F, Default: 0x0045
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config127
0x7F
15:14
reserved
reserved
00
READ
13:12
reserved
reserved
00
ONLY/No
11:10
reserved
reserved
00
RESET
Value
9:8
reserved
reserved
00
7
reserved
reserved
0
6
titest_voh
A fixed ‘1’ that can be used to test the Voh at the SIF output.
1
5
titest_vol
A fixed ‘0’ that can be used to test the Vol at the SIF output.
0
4:3
vendorid
Fixed at "01".
01
2:0
versionid
Chip version
001
Synchronization Modes
There are three modes of syncing included in the DAC3151/DAC3161/DAC3171.
•
NORMAL Dual Sync – The SYNC pin is used to align the input side of the FIFO (write pointers) with the A(0)
sample. The ALIGN pin is used to reset the output side of the FIFO (read pointers) to the offset value.
Multiple chip alignment can be accomplished with this kind of syncing.
•
SYNC ONLY – In this mode only the SYNC pin is used to sync both the read and write pointers of the FIFO.
There is an asynchronized handoff between the DATACLK and DACCLK when using this mode, therefore it is
impossible to accurately align multiple chips closer than 2 or 3T.
•
SIF_SYNC – When neither SYNC nor ALIGN are used, a programmable SYNC pulse can be used to sync
the design. However, the same issues as ISTROBE ONLY apply. There is an asynchronized handoff between
the serial clock domain and the two sides of the FIFO. Because of the asynchronous nature of the SIF_SYNC
it is impossible to align the sync up with any sample at the input. Note: SIF_SYNC mode is the only
synchronisation mode supported in the 7-bit interface mode.
Note: When ALIGNP/N are not used, it is recommended to clear the alignrx_ena register (config1, bit 4),
and tie ALIGNP to DIGVDD18 and ALIGNN to GROUND. When SYNCP/N are not used, it is recommended
to clear register lvdssyncrx_ena (config0, bit3), and the unused SYNCP/N pins can be left open or tied to
GROUND.
Alarm Monitoring
DAC3151/DAC3161/DAC3171 includes flexible alarm monitoring that can be used to alert a possible malfunction
scenario. All alarm events can be accessed either through the SIP registers and/or through the ALARM pin.
Once an alarm is set, the corresponding alarm bit in register config5 must be reset through the serial interface to
allow further testing. The set of alarms includes the following conditions:
Zero check alarm
•
Alarm_from_zerochk. Occurs when the FIFO write pointer has an all zeros pattern. Since the write pointer is a
shift register, all zeros will cause the input point to be stuck until the next sync event. When this happens a
sync to the FIFO block is required.
FIFO alarms
•
alarm_from_fifo. Occurs when there is a collision in the FIFO pointers or a collision event is close.
•
alarm_fifo_2away. Pointers are within two addresses of each other.
•
alarm_fifo_1away. Pointers are within one address of each other.
•
alarm_fifo_collision. Pointers are equal to each other.
Clock alarms
•
clock_gone. Occurs when either the DACCLK or DATACLOCK have been stopped.
•
alarm_dacclk_gone. Occurs when the DACCLK has been stopped.
•
alarm_dataclk_gone. Occurs when the DATACLK has been stopped.
Pattern checker alarm
46
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com