Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 41Page - Texas Instruments DAC3151 Datasheet HTML 42Page - Texas Instruments DAC3151 Datasheet HTML 43Page - Texas Instruments DAC3151 Datasheet HTML 44Page - Texas Instruments DAC3151 Datasheet HTML 45Page - Texas Instruments DAC3151 Datasheet HTML 46Page - Texas Instruments DAC3151 Datasheet HTML 47Page - Texas Instruments DAC3151 Datasheet HTML 48Page - Texas Instruments DAC3151 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
Register name: config21– Address: 0x15, Default: 0xFFFF
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config21
0x15
15:0
sleepcntl
This controls what blocks get sent a SLEEP signal when the
0xFFFF
PAD_SLEEP pin is asserted. Programming a ‘1’ in a bit will pass
the SLEEP signal to the appropriate block.
bit15 = DAC A
bit14 = DAC B
bit13 = FUSE Sleep
bit12 = Temperature Sensor
bit11 = Clock Receiver
bit10 = LVDS DATA Receivers
bit9 = LVDS SYNC Receiver
bit8 = PECL ALIGN Receiver
bit7 = LVDS DATACLK Receiver
bit6 = reserved
bit5 = reserved
bit4 = reserved
bit3 = reserved
bit2 = reserved
bit1 = reserved
bit0 = reserved
Register name: config22– Address: 0x16, Default: 0x0000
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config22
0x16
15:0
fa002_ data(15:0)
Lower 16bits of the DIE ID word
READ
ONLY
Register name: config23– Address: 0x17, Default: 0x0000
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config23
0x17
15:0
fa002_ data(31:16)
Lower middle 16bits of the DIE ID word
READ
ONLY
Register name: config24– Address: 0x18, Default: 0x0000
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config24
0x18
15:0
fa002_ data(47:32)
Upper middle 16bits of the DIE ID word
READ
ONLY
Register name: config25– Address: 0x19, Default: 0x0000
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config25
0x19
15:0
fa002_ data(63:48)
Upper 16bits of the DIE ID word
READ
ONLY
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com