Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 24Page - Texas Instruments DAC3151 Datasheet HTML 25Page - Texas Instruments DAC3151 Datasheet HTML 26Page - Texas Instruments DAC3151 Datasheet HTML 27Page - Texas Instruments DAC3151 Datasheet HTML 28Page - Texas Instruments DAC3151 Datasheet HTML 29Page - Texas Instruments DAC3151 Datasheet HTML 30Page - Texas Instruments DAC3151 Datasheet HTML 31Page - Texas Instruments DAC3151 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
50
90
130
170
210
250
Frequency (MHz)
G011
fOUT
= 491.52 MSPS
= 20 MHz
fDAC
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
50
90
130
170
210
250
Frequency (MHz)
G012
fOUT
= 491.52 MSPS
= 20 MHz
fDAC
−100
−90
−80
−70
−60
−50
0
50
100
150
200
250
Output Frequency (MHz)
Adjacent channel
fDAC = 500 MSPS
G009
−100
−90
−80
−70
−60
−50
0
50
100
150
200
250
Output Frequency (MHz)
Altenate channel
fDAC = 500 MSPS
G010
110
120
130
140
150
160
170
180
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G007
110
120
130
140
150
160
170
180
0
100
200
250
Output Frequency (MHz)
fDAC = 200 MSPS
fDAC = 300 MSPS
fDAC = 400 MSPS
fDAC = 500 MSPS
G008
DAC3151
DAC3161
DAC3171
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 53. DAC3171 NSD vs Output Frequency Over Input
Figure 54. DAC3171 NSD vs Output Frequency Over fDAC
Scale
Figure 55. DAC3171 ACLR (Adjacent Channel) vs Output
Figure 56. DAC3171 ACLR (Alternate Channel) vs Output
Frequency
Frequency
Figure 57. DAC3171 Single-Tone Spectral Plot (IF = 20MHz)
Figure 58. DAC3171 Single-Tone Spectral Plot (IF = 70MHz)
28
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com