Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 13Page - Texas Instruments DAC3151 Datasheet HTML 14Page - Texas Instruments DAC3151 Datasheet HTML 15Page - Texas Instruments DAC3151 Datasheet HTML 16Page - Texas Instruments DAC3151 Datasheet HTML 17Page - Texas Instruments DAC3151 Datasheet HTML 18Page - Texas Instruments DAC3151 Datasheet HTML 19Page - Texas Instruments DAC3151 Datasheet HTML 20Page - Texas Instruments DAC3151 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS – AC SPECIFICATIONS
Typical values at T A = 25°C, full temperature range is T MIN = –40°C to T MAX = 85°C, DAC sample rate = 500MSPS, 50%
clock duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUT FS = 20mA (unless otherwise
noted).
DAC3151
DAC3161
DAC3171
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG OUTPUT
fDAC
Maximum sample rate
500
500
500
MSPS
ts(DAC)
Output settling time to 0.1%
Transition: Code 0x0000 to 0x3FFF
11
11
11
ns
tPD
Output propagation delay
Does not include digital latency
2
2
2
ns
tr(IOUT)
Output rise time 10% to 90%
200
200
200
ps
tf(IOUT)
Output fall time 90% to 10%
200
200
200
ps
Length of delay from DAC pin inputs to
Digital Latency
DATA at output pins. In normal operation
26
26
26
µs
mode including the latency of FIFO.
AC PERFORMANCE
fDAC = 500 MSPS, fout = 10.1 MHz
81
82
82
SFDR
Spurious free dynamic range
fDAC = 500 MSPS, fout = 20.1 MHz
76
77
78
dBc
fDAC = 500 MSPS, fout = 70.1 MHz
69
70
74
fDAC = 500 MSPS, fout = 10.1 ±0.5 MHz
82
83
84
fDAC = 500 MSPS, fout = 20.1 ±0.5 MHz
81
82
84
IMD3
Intermodulation distortion
dBc
fDAC = 500 MSPS, fout = 70.1 ±0.5 MHz
73.5
74
75
fDAC = 500 MSPS, fout = 150.1 ±0.5 MHz
61
61
63
fDAC = 500 MSPS, fout = 10.1 MHz
147
158
160
NSD
Noise spectral density
fDAC = 500 MSPS, fout = 20.1 MHz
146
156
157
dBc/Hz
fDAC = 500 MSPS, fout = 70.1 MHz
146
153
155
fDAC = 491.52 MSPS, fout = 30.72 MHz,
69
77
78
WCDMA TM1
ACLR
Adjacent channel leakage ratio
dBc
f AC = 491.52 MSPS, fout = 153.6 MHz,
68
73
74
WCDMA TM1
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com