Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 18Page - Texas Instruments DAC3151 Datasheet HTML 19Page - Texas Instruments DAC3151 Datasheet HTML 20Page - Texas Instruments DAC3151 Datasheet HTML 21Page - Texas Instruments DAC3151 Datasheet HTML 22Page - Texas Instruments DAC3151 Datasheet HTML 23Page - Texas Instruments DAC3151 Datasheet HTML 24Page - Texas Instruments DAC3151 Datasheet HTML 25Page - Texas Instruments DAC3151 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
A
*
3 D B
R B W
3 0
k H z
V B W
3 0 0
k H z
*
S W T
2
s
*
R e f
- 2 0
d B m
A t t
5
d B
C L R W R
*
1
R M
N O R
*
C e n t e r
7 0
M H z
S p a n
4 0 . 8
M H z
4 . 0 8
M H z /
- 1 1 0
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
S t a n d a r d :
W - C D M A
3 G P P
F W D
T x
C h a n n e l s
C h 1
- 1 8 . 6 2 d B m
( R e f )
C h 2
- 1 8 . 6 4 d B m
C h 3
- 1 8 . 7 2 d B m
C h 4
- 1 8 . 7 0 d B m
T o t a l
- 1 2 . 6 5 d B m
A d j a c e n t
C h a n n e l
L o w e r
- 6 1 . 2 4 d B
U p p e r
- 6 1 . 3 4 d B
A l t e r n a t e
C h a n n e l
L o w e r
- 6 1 . 1 1 d B
U p p e r
- 6 1 . 3 9 d B
A
*
R e f
- 1 0
d B m
*
*
3 D B
R B W
3 0
k H z
V B W
3 0 0
k H z
S W T
2
s
A t t
5
d B
C L R W R
*
1
R M
N O R
*
C e n t e r
7 0
M H z
S p a n
1 5 . 5
M H z
1 . 5 5
M H z /
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
- 2 0
T x
C h a n n e l
W - C D M A
3 G P P
F W D
B a n d w i d t h
3 . 8 4
M H z
P o w e r
- 1 0 . 6 4 d B m
A d j a c e n t
C h a n n e l
B a n d w i d t h
3 . 8 4
M H z
L o w e r
- 6 9 . 1 1 d B
S p a c i n g
5
M H z
U p p e r
- 6 9 . 1 5 d B
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
15
17
19
21
23
25
Frequency (MHz)
fDAC = 500 MSPS
fout = 20 MHz
Tone spacing = 1 MHz
G017
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
65
67
69
71
73
75
Frequency (MHz)
fDAC = 500 MSPS
fout = 70 MHz
Tone spacing = 1 MHz
G018
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
50
90
130
170
210
250
Frequency (MHz)
fDAC = 491. 52MSPS
fout = 20 MHz
G011
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
50
90
130
170
210
250
Frequency (MHz)
fDAC = 491. 52MSPS
fout = 70 MHz
G016
DAC3151
DAC3161
DAC3171
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 17. DAC3151 Single-Tone Spectral Plot (IF = 20MHz)
Figure 18. DAC3151 Single-Tone Spectral Plot (IF = 70MHz)
Figure 19. DAC3151 Two-Tone Spectral Plot (IF = 20MHz)
Figure 20. DAC3151 Two-Tone Spectral Plot (IF = 70MHz)
Figure 21. DAC3151 ACPR Four-Carrier
Figure 22. DAC3151 ACPR Single-Carrier
WCDMA Test Mode 1
WCDMA Test Mode 1
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com