Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 36Page - Texas Instruments DAC3151 Datasheet HTML 37Page - Texas Instruments DAC3151 Datasheet HTML 38Page - Texas Instruments DAC3151 Datasheet HTML 39Page - Texas Instruments DAC3151 Datasheet HTML 40Page - Texas Instruments DAC3151 Datasheet HTML 41Page - Texas Instruments DAC3151 Datasheet HTML 42Page - Texas Instruments DAC3151 Datasheet HTML 43Page - Texas Instruments DAC3151 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
DAC3151
DAC3161
DAC3171
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
Register name: config3 – Address: 0x03, Default: 0x0000
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config3
0x03
15:13
datadlya
Controls the delay of the A data inputs through the LVDS receivers. 000
0= no additional delay and each LSB adds a nominal 80ps.
12:10
clkdlya
Controls the delay of the A data clock input through the LVDS
000
receivers. 0= no additional delay and each LSB adds a nominal
80ps.
9:7
reserved
reserved.
000
6:4
reserved
reserved
000
3
extref_ ena
Enable external reference for the DAC when set.
0
2:1
reserved
reserved
00
0
reserved
reserved
0
Register name: config4 – Address: 0x04, Default: 0x0000
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config4
0x04
15:14
reserved
reserved
00
WRITE TO
13:0
iotest_ results
The values of these bits tell which bit in the input word failed during the
0x0000
CLEAR/
io-test pattern comparison.
No RESET
value
Register name: config5 – Address: 0x05, Default: 0x0000
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config5
0x05
15
alarm_from_ zerochka
When this bit is asserted the FIFOA write pointer has an all zeros
0
WRITE TO
pattern in it. Since this pointer is a shift register, all zeros will cause
CLEAR
the input point to be stuck until the next sync. The result could be a
repeated 8T pattern at the output if the mixer is off and no syncs
occur. Check for this error will tell the user that another sync is
necessary to restart the FIFO write pointer.
14
reserved
reserved.
0
13:11
alarms_from_ fifoa
These bits report the FIFO A pointer status.
000
000: All fine
001: Pointers are 2 away
01X: Pointers are 1 away
1XX: FIFO Pointer collision
10:8
reserved
reserved
0
7
alarm_dacclk_ gone
Bit gets asserted when the DACCLK has been stopped long for
0
enough cycles to be caught. The number of cycles varies with
interpolation.
6
alarm_dataclk_ gone
Bit gets asserted when the DATACLK has been stopped long for
0
enough cycles to be caught. The number of cycles varies with
interpolation.
5
clock_gone
This bit gets set when either alarm_dacclk_gone or
0
alarm_dataclk_gone are asserted. It controls the output of the
CDRV_SER block. When high, the CDRV_SER block will output
“0x8000” for each output connected to a DAC. The bit must be
written to ‘0’ for CDRV_SER outputs to resume normal operation.
4
alarm_from_ iotesta
This is asserted when the input data pattern does not match the
0
pattern in the iotest_pattern registers.
3
reserved
reserved.
0
2
reserved
reserved
0
1
reserved
reserved
0
0
reserved
reserved
0
40
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com