Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 22Page - Texas Instruments DAC3151 Datasheet HTML 23Page - Texas Instruments DAC3151 Datasheet HTML 24Page - Texas Instruments DAC3151 Datasheet HTML 25Page - Texas Instruments DAC3151 Datasheet HTML 26Page - Texas Instruments DAC3151 Datasheet HTML 27Page - Texas Instruments DAC3151 Datasheet HTML 28Page - Texas Instruments DAC3151 Datasheet HTML 29Page - Texas Instruments DAC3151 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
5000
10000
15000
Code
G019
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
5000
10000
15000
Code
G020
A
*
R e f
- 2 0
d B m
*
*
3 D B
R B W
3 0
k H z
V B W
3 0 0
k H z
S W T
2
s
A t t
5
d B
C L R W R
*
1
R M
N O R
*
C e n t e r
7 0
M H z
S p a n
2 9 . 2 8 2 7 4 1 9
M H z
2 . 9 2 8 2 7 4 1 9
M H z /
- 1 1 0
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
T x
C h a n n e l
E - U T R A / L T E
S q u a r e
B a n d w i d t h
9 . 0 1 5
M H z
P o w e r
- 1 2 . 3 7 d B m
A d j a c e n t
C h a n n e l
B a n d w i d t h
9 . 0 1 5
M H z
L o w e r
- 7 3 . 6 7 d B
S p a c i n g
1 0
M H z
U p p e r
- 7 3 . 4 6 d B
A
*
*
*
3 D B
R B W
3 0
k H z
V B W
3 0 0
k H z
S W T
2
s
R e f
- 2 0
d B m
A t t
5
d B
C L R W R
*
1
R M
N O R
*
C e n t e r
7 0
M H z
S p a n
5 8 . 5 5 0 3 4 5 3 8
M H z
5 . 8 5 5 0 3 4 5 3 8
M H z /
- 1 1 0
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
T x
C h a n n e l
E - U T R A / L T E
S q u a r e
B a n d w i d t h
1 8 . 0 1 5
M H z
P o w e r
- 1 1 . 2 0 d B m
A d j a c e n t
C h a n n e l
B a n d w i d t h
1 8 . 0 1 5
M H z
L o w e r
- 7 0 . 9 1 d B
S p a c i n g
2 0
M H z
U p p e r
- 7 0 . 6 6 d B
A
R e f
- 1 0
d B m
*
*
3 D B
R B W
3 0
k H z
V B W
3 0 0
k H z
*
S W T
2
s
A t t
5
d B
C L R W R
*
1
R M
N O R
*
C e n t e r
7 0
M H z
S p a n
4 0 . 8
M H z
4 . 0 8
M H z /
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
- 2 0
S t a n d a r d :
W - C D M A
3 G P P
F W D
T x
C h a n n e l s
C h 1
- 1 8 . 7 0 d B m
( R e f )
C h 2
- 1 8 . 6 9 d B m
C h 3
- 1 8 . 7 7 d B m
C h 4
- 1 8 . 7 5 d B m
T o t a l
- 1 2 . 7 1 d B m
A d j a c e n t
C h a n n e l
L o w e r
- 7 0 . 7 4 d B
U p p e r
- 7 0 . 8 7 d B
A l t e r n a t e
C h a n n e l
L o w e r
- 7 0 . 8 6 d B
U p p e r
- 7 0 . 8 4 d B
A
*
*
*
3 D B
R B W
3 0
k H z
V B W
3 0 0
k H z
S W T
2
s
R e f
- 1 0
d B m
A t t
5
d B
C L R W R
*
1
R M
N O R
*
C e n t e r
7 0
M H z
S p a n
1 5 . 5
M H z
1 . 5 5
M H z /
- 1 0 0
- 9 0
- 8 0
- 7 0
- 6 0
- 5 0
- 4 0
- 3 0
- 2 0
T x
C h a n n e l
W - C D M A
3 G P P
F W D
B a n d w i d t h
3 . 8 4
M H z
P o w e r
- 1 0 . 7 0 d B m
A d j a c e n t
C h a n n e l
B a n d w i d t h
3 . 8 4
M H z
L o w e r
- 7 7 . 8 4 d B
S p a c i n g
5
M H z
U p p e r
- 7 7 . 1 4 d B
DAC3151
DAC3161
DAC3171
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 41. DAC3161 ACPR Four-Carrier
Figure 42. DAC3161 ACPR Single-Carrier
WCDMA Test Mode 1
WCDMA Test Mode 1
Figure 43. DAC3161 ACPR LTE 10-MHz FDD E-TM 1.1
Figure 44. DAC3161 ACPR LTE 20-MHz FDD E-TM 1.1
Figure 45. DAC3171 Integral Nonlinearity
Figure 46. DAC3171 Differential Nonlinearity
26
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com