Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 1 Page - Texas Instruments

  DAC3151 Datasheet HTML 1Page - Texas Instruments DAC3151 Datasheet HTML 2Page - Texas Instruments DAC3151 Datasheet HTML 3Page - Texas Instruments DAC3151 Datasheet HTML 4Page - Texas Instruments DAC3151 Datasheet HTML 5Page - Texas Instruments DAC3151 Datasheet HTML 6Page - Texas Instruments DAC3151 Datasheet HTML 7Page - Texas Instruments DAC3151 Datasheet HTML 8Page - Texas Instruments DAC3151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
Check for Samples: DAC3151, DAC3161, DAC3171
1
FEATURES
APPLICATIONS
2
•
Single Channel
•
Wireless Infrastructure
•
Resolution
–
PA Bias, Envelope Tracking, TX
–
DAC3151: 10-Bit
•
Radar
–
DAC3161: 12-Bit
•
Software-Defined Radio
–
DAC3171: 14-Bit
•
Signal/Waveform Generators
•
Maximum Sample Rate: 500 MSPS
•
Cable Head-End Equipment
•
Pin-Compatible Family
DESCRIPTION
•
Input Interface:
The DAC3151/DAC3161/DAC3171 is a family of
–
Parallel LVDS Inputs
single channel 500MSPS digital-to-analog converters
–
Single or Dual DDR Data Clock
with resolutions of 10-/12-/14-bits. The family uses a
10-/12-/14-bit wide LVDS digital bus with an input
–
Internal FIFO
FIFO. The 14-bit DAC3171 also supports a DDR 7-bit
•
Chip to Chip Synchronization
LVDS interface mode. FIFO input and output pointers
•
Power Dissipation: 375mW
can be synchronized across multiple devices for
precise signal synchronization. The DAC outputs are
•
Spectral Performance at 20 MHz IF
current sourcing and terminate to GND with a
–
SNR: 76 dBFS for DAC3171; 72dBFS for
compliance
range
of
-0.5
to
1V.
DAC3161; 62 dBFS for DAC3151
DAC3151/DAC3161/DAC3171 is pin compatible with
–
SFDR: 78 dBc for DAC3171; 77dBc for
the dual-channel, 10-/12-/14-bit, 500MSPS digital-to-
DAC3161; 76 dBc for DAC3151
analog converter DAC3154/DAC3164/DAC3174.
•
Current Sourcing DACs
The device is available in a QFN-64 PowerPAD™
•
Compliance Range: -0.5V to 1V
package
is
specified
over
the
full
industrial
temperature range (–40°C to 85°C).
•
Package: 64 Pin QFN (9x9mm)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC3151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3151IRGCR TI1-DAC3151IRGCR Datasheet
1Mb / 56P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Similar Description - DAC3151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
12-Bit, 500-/550-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com