Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 23Page - Texas Instruments DAC3151 Datasheet HTML 24Page - Texas Instruments DAC3151 Datasheet HTML 25Page - Texas Instruments DAC3151 Datasheet HTML 26Page - Texas Instruments DAC3151 Datasheet HTML 27Page - Texas Instruments DAC3151 Datasheet HTML 28Page - Texas Instruments DAC3151 Datasheet HTML 29Page - Texas Instruments DAC3151 Datasheet HTML 30Page - Texas Instruments DAC3151 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G005
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (MHz)
fDAC = 200 MSPS
fDAC = 300 MSPS
fDAC = 400 MSPS
fDAC = 500 MSPS
G006
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G003
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (MHz)
fDAC = 200 MSPS
fDAC = 300 MSPS
fDAC = 400 MSPS
fDAC = 500 MSPS
G004
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G001
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G002
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 47. DAC3171 SFDR vs Output Frequency Over Input
Figure 48. DAC3171 Second-Order Harmonic Distortion vs
Scale
Output Frequency Over Input Scale
Figure 49. DAC3171 Third-Order Harmonic Distortion vs
Figure 50. DAC3171 SFDR vs Output Frequency Over fDAC
Output Frequency Over Input Scale
Figure 51. DAC3171 IMD3 vs Output Frequency Over Input
Figure 52. DAC3171 IMD3 vs Output Frequency Over fDAC
Scale
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com