Electronic Components Datasheet Search
  English  ▼

X  

DAC3151 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 21Page - Texas Instruments DAC3151 Datasheet HTML 22Page - Texas Instruments DAC3151 Datasheet HTML 23Page - Texas Instruments DAC3151 Datasheet HTML 24Page - Texas Instruments DAC3151 Datasheet HTML 25Page - Texas Instruments DAC3151 Datasheet HTML 26Page - Texas Instruments DAC3151 Datasheet HTML 27Page - Texas Instruments DAC3151 Datasheet HTML 28Page - Texas Instruments DAC3151 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
15
17
19
21
23
25
Frequency (MHz)
fDAC = 500 MSPS
fout = 20 MHz
Tone spacing = 1 MHz
G038
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
65
67
69
71
73
75
Frequency (MHz)
fDAC = 500 MSPS
fout = 70 MHz
Tone spacing = 1 MHz
G039
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
50
90
130
170
210
250
Frequency (MHz)
fDAC = 491. 52MSPS
fout = 20 MHz
G036
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
50
90
130
170
210
250
Frequency (MHz)
fDAC = 491. 52MSPS
fout = 70 MHz
G037
−100
−90
−80
−70
−60
−50
0
50
100
150
200
250
Output Frequency (MHz)
Adjacent channel
fDAC = 500 MSPS
G034
−100
−90
−80
−70
−60
−50
0
50
100
150
200
250
Output Frequency (MHz)
Alternate channel
fDAC = 500 MSPS
G035
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 35. DAC3161 ACLR (Adjacent Channel) vs Output
Figure 36. DAC3161 ACLR (Alternate Channel) vs Output
Frequency
Frequency
Figure 37. DAC3161 Single-Tone Spectral Plot (IF = 20MHz)
Figure 38. DAC3161 Single-Tone Spectral Plot (IF = 70MHz)
Figure 39. DAC3161 Two-Tone Spectral Plot (IF = 20MHz)
Figure 40. DAC3161 Two-Tone Spectral Plot (IF = 70MHz)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com