Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 130 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 130 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 126Page - Altera Corporation EP3SL200 Datasheet HTML 127Page - Altera Corporation EP3SL200 Datasheet HTML 128Page - Altera Corporation EP3SL200 Datasheet HTML 129Page - Altera Corporation EP3SL200 Datasheet HTML 130Page - Altera Corporation EP3SL200 Datasheet HTML 131Page - Altera Corporation EP3SL200 Datasheet HTML 132Page - Altera Corporation EP3SL200 Datasheet HTML 133Page - Altera Corporation EP3SL200 Datasheet HTML 134Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 341 page
background image
1–120
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
GCLK
t
su
-1.014
-0.992
-1.450 -1.608 -1.813 -1.794 -2.122 -1.608 -1.813 -1.794 -2.122
ns
t
h
1.149
1.123
1.632
1.817
2.043
2.012
2.343
1.817
2.043
2.012
2.343
ns
GCLK
PLL
t
su
-1.306
-1.249
-1.819 -2.034 -2.213 -2.139 -2.558 -2.034 -2.213 -2.139 -2.558
ns
t
h
1.586
1.529
2.223
2.489
2.713
2.614
3.050
2.489
2.713
2.614
3.050
ns
1.5 V
GCLK
t
su
-1.004
-0.982
-1.427 -1.576 -1.743 -1.724 -2.052 -1.576 -1.743 -1.724 -2.052
ns
t
h
1.139
1.113
1.609
1.785
1.973
1.942
2.273
1.785
1.973
1.942
2.273
ns
GCLK
PLL
t
su
-1.296
-1.239
-1.796 -2.002 -2.143 -2.069 -2.488 -2.002 -2.143 -2.069 -2.488
ns
t
h
1.576
1.519
2.200
2.457
2.643
2.544
2.980
2.457
2.643
2.544
2.980
ns
1.2 V
GCLK
t
su
-0.952
-0.930
-1.350 -1.477 -1.587 -1.568 -1.896 -1.477 -1.587 -1.568 -1.896
ns
t
h
1.087
1.061
1.532
1.686
1.817
1.786
2.117
1.686
1.817
1.786
2.117
ns
GCLK
PLL
t
su
-1.244
-1.187
-1.719 -1.903 -1.987 -1.913 -2.332 -1.903 -1.987 -1.913 -2.332
ns
t
h
1.524
1.467
2.123
2.358
2.487
2.388
2.824
2.358
2.487
2.388
2.824
ns
SSTL-2
CLASS I
GCLK
t
su
-0.923
-0.901
-1.322 -1.461 -1.589 -1.570 -1.898 -1.461 -1.589 -1.570 -1.898
ns
t
h
1.058
1.032
1.504
1.670
1.819
1.788
2.119
1.670
1.819
1.788
2.119
ns
GCLK
PLL
t
su
-1.215
-1.158
-1.691 -1.887 -1.989 -1.915 -2.334 -1.887 -1.989 -1.915 -2.334
ns
t
h
1.495
1.438
2.095
2.342
2.489
2.390
2.826
2.342
2.489
2.390
2.826
ns
SSTL-2
CLASS II
GCLK
t
su
-0.923
-0.901
-1.322 -1.461 -1.589 -1.570 -1.898 -1.461 -1.589 -1.570 -1.898
ns
t
h
1.058
1.032
1.504
1.670
1.819
1.788
2.119
1.670
1.819
1.788
2.119
ns
GCLK
PLL
t
su
-1.215
-1.158
-1.691 -1.887 -1.989 -1.915 -2.334 -1.887 -1.989 -1.915 -2.334
ns
t
h
1.495
1.438
2.095
2.342
2.489
2.390
2.826
2.342
2.489
2.390
2.826
ns
SSTL-18
CLASS I
GCLK
t
su
-0.917
-0.895
-1.309 -1.453 -1.586 -1.565 -1.896 -1.453 -1.586 -1.565 -1.896
ns
t
h
1.052
1.026
1.491
1.659
1.813
1.782
2.112
1.659
1.813
1.782
2.112
ns
GCLK
PLL
t
su
-1.209
-1.152
-1.678 -1.879 -1.986 -1.910 -2.332 -1.879 -1.986 -1.910 -2.332
ns
t
h
1.489
1.432
2.082
2.331
2.483
2.384
2.819
2.331
2.483
2.384
2.819
ns
SSTL-18
CLASS II
GCLK
t
su
-0.917
-0.895
-1.309 -1.453 -1.586 -1.565 -1.896 -1.453 -1.586 -1.565 -1.896
ns
t
h
1.052
1.026
1.491
1.659
1.813
1.782
2.112
1.659
1.813
1.782
2.112
ns
GCLK
PLL
t
su
-1.209
-1.152
-1.678 -1.879 -1.986 -1.910 -2.332 -1.879 -1.986 -1.910 -2.332
ns
t
h
1.489
1.432
2.082
2.331
2.483
2.384
2.819
2.331
2.483
2.384
2.819
ns
SSTL-15
CLASS I
GCLK
t
su
-0.906
-0.884
-1.298 -1.442 -1.567 -1.546 -1.877 -1.442 -1.567 -1.546 -1.877
ns
t
h
1.041
1.015
1.479
1.648
1.794
1.763
2.093
1.648
1.794
1.763
2.093
ns
GCLK
PLL
t
su
-1.198
-1.141
-1.667 -1.868 -1.967 -1.891 -2.313 -1.868 -1.967 -1.891 -2.313
ns
t
h
1.478
1.421
2.070
2.320
2.464
2.365
2.800
2.320
2.464
2.365
2.800
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.906
-0.884
-1.298 -1.442 -1.567 -1.546 -1.877 -1.442 -1.567 -1.546 -1.877
ns
t
h
1.041
1.015
1.479
1.648
1.794
1.763
2.093
1.648
1.794
1.763
2.093
ns
GCLK
PLL
t
su
-1.198
-1.141
-1.667 -1.868 -1.967 -1.891 -2.313 -1.868 -1.967 -1.891 -2.313
ns
t
h
1.478
1.421
2.070
2.320
2.464
2.365
2.800
2.320
2.464
2.365
2.800
ns
Table 1–71. EP3SL150 Column Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com