Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 134 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 134 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 130Page - Altera Corporation EP3SL200 Datasheet HTML 131Page - Altera Corporation EP3SL200 Datasheet HTML 132Page - Altera Corporation EP3SL200 Datasheet HTML 133Page - Altera Corporation EP3SL200 Datasheet HTML 134Page - Altera Corporation EP3SL200 Datasheet HTML 135Page - Altera Corporation EP3SL200 Datasheet HTML 136Page - Altera Corporation EP3SL200 Datasheet HTML 137Page - Altera Corporation EP3SL200 Datasheet HTML 138Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 341 page
background image
1–124
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–73 lists the EP3SL150 column pins output timing parameters for single-ended
I/O standards.
1.2-V HSTL
CLASS I
GCLK
t
su
-0.830
-0.877
-1.241 -1.350 -1.327 -1.395 -1.612 -1.342 -1.325 -1.402 -1.655
ns
t
h
0.946
1.008
1.426
1.556
1.558
1.612
1.831
1.558
1.566
1.627
1.875
ns
GCLK
PLL
t
su
1.083
1.089
1.754
1.986
2.221
2.102
2.045
2.003
2.237
2.115
2.092
ns
t
h
-0.831
-0.821
-1.354 -1.538 -1.723 -1.630 -1.567 -1.547 -1.729 -1.634 -1.611
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-0.830
-0.877
-1.241 -1.350 -1.327 -1.395 -1.612 -1.342 -1.325 -1.402 -1.655
ns
t
h
0.946
1.008
1.426
1.556
1.558
1.612
1.831
1.558
1.566
1.627
1.875
ns
GCLK
PLL
t
su
1.083
1.089
1.754
1.986
2.221
2.102
2.045
2.003
2.237
2.115
2.092
ns
t
h
-0.831
-0.821
-1.354 -1.538 -1.723 -1.630 -1.567 -1.547 -1.729 -1.634 -1.611
ns
3.0-V PCI
GCLK
t
su
-0.931
-0.975
-1.357 -1.471 -1.685 -1.636 -1.957 -1.479 -1.684 -1.639 -1.998
ns
t
h
1.046
1.105
1.541
1.678
1.913
1.854
2.176
1.697
1.922
1.865
2.217
ns
GCLK
PLL
t
su
0.982
0.998
1.645
1.857
1.968
1.852
1.793
1.866
1.988
1.870
1.843
ns
t
h
-0.731
-0.730
-1.244 -1.406 -1.468 -1.380 -1.311 -1.408 -1.477 -1.388 -1.358
ns
3.0-V
PCI-X
GCLK
t
su
-0.931
-0.975
-1.357 -1.471 -1.685 -1.636 -1.957 -1.479 -1.684 -1.639 -1.998
ns
t
h
1.046
1.105
1.541
1.678
1.913
1.854
2.176
1.697
1.922
1.865
2.217
ns
GCLK
PLL
t
su
0.982
0.998
1.645
1.857
1.968
1.852
1.793
1.866
1.988
1.870
1.843
ns
t
h
-0.731
-0.730
-1.244 -1.406 -1.468 -1.380 -1.311 -1.408 -1.477 -1.388 -1.358
ns
Table 1–72. EP3SL150 Row Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–73. EP3SL150 Column Pins Output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
tco
3.422
3.439
4.768
5.127
5.625
5.473
5.808
5.127 5.625 5.473 5.808
ns
GCLK
PLL
t
co
3.898
3.841
5.355
5.880
6.341
6.161
6.543
5.880 6.341 6.161 6.543
ns
8mA
GCLK
tco
3.355
3.372
4.659
5.016
5.512
5.360
5.695
5.016 5.512 5.360 5.695
ns
GCLK
PLL
t
co
3.781
3.774
5.246
5.718
6.228
6.048
6.430
5.718 6.228 6.048 6.430
ns
12mA
GCLK
t
co
3.269
3.286
4.555
4.918
5.420
5.268
5.603
4.918 5.420 5.268 5.603
ns
GCLK
PLL
t
co
3.692
3.688
5.142
5.583
6.136
5.956
6.338
5.583 6.136 5.956 6.338
ns
16mA
GCLK
t
co
3.262
3.279
4.538
4.890
5.379
5.227
5.562
4.890 5.379 5.227 5.562
ns
GCLK
PLL
t
co
3.685
3.681
5.125
5.555
6.095
5.915
6.297
5.555 6.095 5.915 6.297
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com