Electronic Components Datasheet Search
  English  ▼

X  

EP3SL200 Datasheet(PDF) 137 Page - Altera Corporation

Part # EP3SL200
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL200 Datasheet(HTML) 137 Page - Altera Corporation

Back Button EP3SL200 Datasheet HTML 133Page - Altera Corporation EP3SL200 Datasheet HTML 134Page - Altera Corporation EP3SL200 Datasheet HTML 135Page - Altera Corporation EP3SL200 Datasheet HTML 136Page - Altera Corporation EP3SL200 Datasheet HTML 137Page - Altera Corporation EP3SL200 Datasheet HTML 138Page - Altera Corporation EP3SL200 Datasheet HTML 139Page - Altera Corporation EP3SL200 Datasheet HTML 140Page - Altera Corporation EP3SL200 Datasheet HTML 141Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–127
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.5 V
2mA
GCLK
tco
3.559
3.576
5.096
5.515
6.079
5.927
6.262
5.515 6.079 5.927 6.262
ns
GCLK
PLL
t
co
4.069
3.978
5.683
6.384
6.795
6.615
6.997
6.384 6.795 6.615 6.997
ns
4mA
GCLK
tco
3.347
3.364
4.777
5.158
5.687
5.535
5.870
5.158 5.687 5.535 5.870
ns
GCLK
PLL
t
co
3.786
3.766
5.364
5.871
6.403
6.223
6.605
5.871 6.403 6.223 6.605
ns
6mA
GCLK
t
co
3.322
3.339
4.710
5.098
5.620
5.468
5.803
5.098 5.620 5.468 5.803
ns
GCLK
PLL
t
co
3.745
3.741
5.297
5.763
6.336
6.156
6.538
5.763 6.336 6.156 6.538
ns
8mA
GCLK
t
co
3.311
3.328
4.693
5.073
5.600
5.448
5.783
5.073 5.600 5.448 5.783
ns
GCLK
PLL
t
co
3.734
3.730
5.280
5.742
6.316
6.136
6.518
5.742 6.316 6.136 6.518
ns
10mA
GCLK
t
co
3.256
3.273
4.655
5.023
5.530
5.378
5.713
5.023 5.530 5.378 5.713
ns
GCLK
PLL
t
co
3.679
3.675
5.242
5.688
6.246
6.066
6.448
5.688 6.246 6.066 6.448
ns
12mA
GCLK
t
co
3.251
3.268
4.638
5.011
5.519
5.367
5.702
5.011 5.519 5.367 5.702
ns
GCLK
PLL
tco
3.674
3.670
5.225
5.676
6.235
6.055
6.437
5.676 6.235 6.055 6.437
ns
1.2 V
2mA
GCLK
t
co
3.475
3.492
5.022
5.450
6.023
5.871
6.206
5.450 6.023 5.871 6.206
ns
GCLK
PLL
tco
3.959
3.894
5.609
6.283
6.739
6.559
6.941
6.283 6.739 6.559 6.941
ns
4mA
GCLK
t
co
3.352
3.369
4.796
5.189
5.737
5.585
5.920
5.189 5.737 5.585 5.920
ns
GCLK
PLL
t
co
3.786
3.771
5.383
5.902
6.453
6.273
6.655
5.902 6.453 6.273 6.655
ns
6mA
GCLK
t
co
3.314
3.331
4.704
5.099
5.624
5.472
5.807
5.099 5.624 5.472 5.807
ns
GCLK
PLL
t
co
3.737
3.733
5.291
5.764
6.340
6.160
6.542
5.764 6.340 6.160 6.542
ns
8mA
GCLK
t
co
3.267
3.284
4.676
5.050
5.568
5.416
5.751
5.050 5.568 5.416 5.751
ns
GCLK
PLL
t
co
3.690
3.686
5.263
5.715
6.284
6.104
6.486
5.715 6.284 6.104 6.486
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.267
3.284
4.633
4.998
5.499
5.347
5.682
4.998 5.499 5.347 5.682
ns
GCLK
PLL
t
co
3.690
3.686
5.220
5.663
6.215
6.035
6.417
5.663 6.215 6.035 6.417
ns
10mA
GCLK
t
co
3.264
3.281
4.630
4.994
5.495
5.343
5.678
4.994 5.495 5.343 5.678
ns
GCLK
PLL
t
co
3.687
3.683
5.217
5.659
6.211
6.031
6.413
5.659 6.211 6.031 6.413
ns
12mA
GCLK
tco
3.262
3.279
4.630
4.995
5.496
5.344
5.679
4.995 5.496 5.344 5.679
ns
GCLK
PLL
t
co
3.685
3.681
5.217
5.660
6.212
6.032
6.414
5.660 6.212 6.032 6.414
ns
Table 1–73. EP3SL150 Column Pins Output Timing Parameters (Part 4 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com