| Electronic Components Datasheet Search |
|
LPC4370 Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4370 Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 150 page ![]() LPC4370 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 21 October 2013 24 of 150 NXP Semiconductors LPC4370 32-bit ARM Cortex-M4/M0 microcontroller P5_7 R12 - [3] I; PU I/O GPIO2[7] — General purpose digital input/output pin. O MCOA2 — Motor control PWM channel 2, output A. I/O EMC_D11 — External memory data line 11. - R — Function reserved. I U1_RXD — Receiver input for UART 1. O T1_MAT3 — Match output 3 of timer 1. - R — Function reserved. - R — Function reserved. P6_0 M12 H7 [3] I; PU - R — Function reserved. O I2S0_RX_MCLK — I2S receive master clock. - R — Function reserved. - R — Function reserved. I/O I2S0_RX_SCK — Receive Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. - R — Function reserved. - R — Function reserved. - R — Function reserved. P6_1 R15 G5 [3] I; PU I/O GPIO3[0] — General purpose digital input/output pin. O EMC_DYCS1 — SDRAM chip select 1. I/O U0_UCLK — Serial clock input/output for USART0 in synchronous mode. I/O I2S0_RX_WS — Receive Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. - R — Function reserved. I T2_CAP0 — Capture input 2 of timer 2. - R — Function reserved. - R — Function reserved. P6_2 L13 J9 [3] I; PU I/O GPIO3[1] — General purpose digital input/output pin. O EMC_CKEOUT1 — SDRAM clock enable 1. I/O U0_DIR — RS-485/EIA-485 output enable/direction control for USART0. I/O I2S0_RX_SDA — I2S Receive data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. - R — Function reserved. I T2_CAP1 — Capture input 1 of timer 2. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |