Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 96Page - NXP Semiconductors LPC4370 Datasheet HTML 97Page - NXP Semiconductors LPC4370 Datasheet HTML 98Page - NXP Semiconductors LPC4370 Datasheet HTML 99Page - NXP Semiconductors LPC4370 Datasheet HTML 100Page - NXP Semiconductors LPC4370 Datasheet HTML 101Page - NXP Semiconductors LPC4370 Datasheet HTML 102Page - NXP Semiconductors LPC4370 Datasheet HTML 103Page - NXP Semiconductors LPC4370 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
100 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
10.3 BOD static characteristics
[1]
Interrupt and reset levels are selected by writing to the BODLV1/2 bits in the control register CREGE0, see
the LPC43xx user manual.
Table 12.
Peripheral power consumption 12-bit ADCHS
Peripheral
Branch clock
IDD(REG)(3V3) in mA
Branch clock
frequency = 39 MHz
Branch clock
frequency = 78 MHz
Conditions
ADCHS (12-bit ADC) CLK_ADCHS,
CLK_M4_ADCH
1.1
2.3
Peripheral power consumption;
no ADC conversions
ADCHS (12-bit ADC) CLK_ADCHS,
CLK_M4_ADCH
28.5
41.6
Peripheral power consumption;
ADC converting samples at
CLK_ADCHS frequency
Table 13.
BOD static characteristics[1]
Tamb =25 C; simulated values for nominal processing.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth
threshold voltage
interrupt level 0
assertion
-
2.75
-
V
de-assertion
-
2.92
-
V
interrupt level 1
assertion
-
2.85
-
V
de-assertion
-
3.00
-
V
interrupt level 2
assertion
-
2.95
-
V
de-assertion
-
3.12
-
V
interrupt level 3
assertion
-
3.05
-
V
de-assertion
-
3.19
-
V
reset level 0
assertion
-
1.70
-
V
de-assertion
-
1.85
-
V
reset level 1
assertion
-
1.80
-
V
de-assertion
-
1.95
-
V
reset level 2
assertion
-
1.90
-
V
de-assertion
-
2.05
-
V
reset level 3
assertion
-
2.00
-
V
de-assertion
-
2.15
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com