Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 50Page - NXP Semiconductors LPC4370 Datasheet HTML 51Page - NXP Semiconductors LPC4370 Datasheet HTML 52Page - NXP Semiconductors LPC4370 Datasheet HTML 53Page - NXP Semiconductors LPC4370 Datasheet HTML 54Page - NXP Semiconductors LPC4370 Datasheet HTML 55Page - NXP Semiconductors LPC4370 Datasheet HTML 56Page - NXP Semiconductors LPC4370 Datasheet HTML 57Page - NXP Semiconductors LPC4370 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
54 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
ADC pins
ADCHS_0
E3
A2
[9]
I; IA
I
12-bit high-speed ADC input channel 0.
ADCHS_1
C3
A1
[9]
I; IA
I
12-bit high-speed ADC input channel 1.
ADCHS_2
A4
B3
[9]
I; IA
I
12-bit high-speed ADC input channel 2.
ADCHS_3
A5
-
[9]
I; IA
I
12-bit high-speed ADC input channel 3.
ADCHS_4
C6
-
[9]
I; IA
I
12-bit high-speed ADC input channel 4.
ADCHS_5
B3
-
[9]
I; IA
I
12-bit high-speed ADC input channel 5.
ADCHS_NEG
B5
A3
[9]
I; IA
I/O
12-bit high-speed ADC reference voltage output or negative differential
input.
ADC0_7
C5
-
[9]
I; IA
I
10-bit ADC0 input channel 7.
RTC
RTC_ALARM
A11
C3
[12]
-
O
RTC controlled output.
RTCX1
A8
A5
[9]
-
I
Input to the RTC 32 kHz ultra-low power oscillator circuit.
RTCX2
B8
B5
[9]
-
O
Output from the RTC 32 kHz ultra-low power oscillator circuit.
Crystal oscillator pins
XTAL1
D1
B1
[9]
-
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
E1
C1
[9]
-
O
Output from the oscillator amplifier.
Power and ground pins
USB0_VDDA
3V3_DRIVER
F3
D1
-
-
Separate analog 3.3 V power supply for driver.
USB0
_VDDA3V3
G3
D2
-
-
USB 3.3 V separate power supply voltage.
USB0_VSSA
_TERM
H3
D3
-
-
Dedicated analog ground for clean reference for termination resistors.
USB0_VSSA
_REF
G1
F2
-
-
Dedicated clean analog ground for generation of reference currents and
voltages.
VDDA
B4
B2
-
-
Analog power supply and 10-bit ADC reference voltage.
VBAT
B10
C5
-
-
RTC power supply: 3.3 V on this pin supplies power to the RTC.
VDDREG
F10,
F9,
L8,
L7
E4,
E5,
F4
-
Main regulator power supply. Tie the VDDREG and VDDIO pins to a
common power supply to ensure the same ramp-up time for both supply
voltages.
VPP
E8
-
-
-
OTP programming voltage.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com